Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
49
www.emmicroelectronic.com
18. EM6620 Electrical specifications
18.1 Absolute maximum ratings
Min.
Max.
Units
Power supply VDD-VSS
- 0.2
+ 3.6
V
Input voltage
VSS - 0,2
VDD+0,2
V
Storage temperature
- 40
+ 125
°C
Electrostatic discharge to
Mil-Std-883C Method 3015.7 with ref. to VSS
-2000
+2000
V
Maximum soldering conditions
10s x 250
°C
Stresses above these listed maximum ratings may cause permanent damage to the device.
Exposure beyond specified electrical characteristics may affect device reliability or cause malfunction.
18.2 Handling Procedures
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions
should be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the
supply voltage range.
18.3
Standard Operating Conditions
Parameter
MIN
TYP
MAX
Unit
Description
Temperature
-20
25
85
°C
VDD_Range1
1.4
3.0
3.6
V
with
internal voltage regulator
VDD_Range2
1.2
1.5
1.7
without internal voltage regulator
VSS
0
V
Reference terminal
CVDDCA (note 1)
100
nF
regulated voltage capacitor
fq
32768
Hz
nominal frequency
Rqs
35
kOhm
typical quartz serial resistance
CL
8.2
pF
typical quartz load capacitance
df/f
+/- 30
ppm
quartz frequency tolerance
Note 1: This capacitor filters switching noise from VDD to keep it away from the internal logic cells.
In noisy systems the capacitor should be chosen bigger than minimum value.
18.4 DC characteristics - Power Supply
Conditions: Vdd=1.5V, T=25°C, without internal voltage regulator (unless otherwise specified)
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
ACTIVE Supply Current
(note2,3)
IVDDa1
2.0
3.0
µA
(in active mode with LCD on)
-20 ... 85°C (note2,3)
IVDDa1
3.1
µA
STANDBY Supply Current
IVDDh1
0.4
0.6
µA
(in Halt mode, LCDOff)
-20 ... 85°C
IVDDh1
0.8
µA
SLEEP Supply Current
IVDDs1
0.1
0.25
µA
-20 ... 85°C
IVDDs1
0.28
µA
POR static level
-20 ... 85°C
VPOR1
0.85
1.1
V
RAM data retention
Vrd1
1.0
V
Note 2: Lcd Display NOT connected.
Note 3: For test reasons, the user has to provide a test loop with successive writing and reading of two
different addresses (5 instructions should be reserved for this measurement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com