Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 44 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 44 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 48Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
44
www.emmicroelectronic.com
16. Mask Options
Most options which in many µControllers are realized as metal mask options are directly user selectable with
the option registers, therefore allowing a maximum freedom of choice .See chapter: 14.
The following options can be selected at the time of programming the metal mask ROM, except the LCD
Segment allocation which is defined using the interconnect metal2 mask.
16.1 Input / Output Ports
16.1.1 Port A Metal Options
Pull-up or no pull-up can be selected
for each port A input. A pull-up
selection is excluding a pull-down on
the same input.
Pull-down (default) or no pull-down
can be selected for each port A
input.
A
pull-down
selection
is
excluding a pull-up on the same
input.
The total pull value (pull-up or pull-
down) is a series resistance out of
the resistance R1 and the switching
transistor. As a switching transistor
the user can choose between a high
impedance
(weak)
or
a
low
impedance (strong) switch. Weak,
strong or none must be chosen. The
default is strong. The default resistor
R1 value is 100 KOhm. The user
may choose a different value from
150 KOhm down to 0 Ohm. However
the value must first be checked and
agreed by EM Microelectronic Marin SA. Refer also to chapter 17.2 and 17.3 for the pull values.
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : Strong pull-
down with R1=100 KOhm
To select an option put an X in
column 1,2 and 4 and reconfirm
the R1 value in column 3.
The default value is : Strong pull-up
with R1=100 KOhm
Figure 28. Port A Pull Options
Resistor R1
MPAPDweak[n]
Weak Pull-down
MPAPDstrong[n]
Strong Pull-down
MPAPUweak[n]
Weak Pull-up
MPAPUstrong[n]
Strong Pull-up
Pull-up Control
PA[n]
Terminal
100 KOhm
No Pull-up
No Pull-down
Pull-down Control
OR
Input Circuitry
Option
Name
Strong
Pull-
down
W
Pull-
down
R1
Value
typ.100k
No
Pull-
down
1
2
3
4
MPAPD[3]
PA3 input pull-down
MPAPD[2]
PA2 input pull-down
MPAPD[1]
PA1 input pull-down
MPAPD[0]
PA0 input pull-down
Option
Name
Strong
Pull-up
Weak
Pull-up
R1
Value
typ.100k
No
Pull-up
1
2
3
4
MPAPU[3]
PA3 input pull-up
MPAPU[2]
PA2 input pull-up
MPAPU[1]
PA1 input pull-up
MPAPU[0]
PA0 input pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com