Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 20 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 20 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 24Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
20
www.emmicroelectronic.com
6.6 Port B registers
Table 6.6.1 Register RegPBData
Bit
Name
Reset
R/W
Description
3
PBData[3]
-
R* /W
PB[3] input and output
2
PBData[2]
-
R* /W
PB[2] input and output
1
PBData[1]
-
R* /W
PB[1] input and output
0
PBData[0]
-
R* /W
PB[0] input and output
R* : Direct read on port B terminal (not the internal register read).
Table 6.6.2 Register RegPBCntl
Bit
Name
Reset
R/W
Description
3
PBIOCntl[3]
0
R/W
I/O control for PB[3]
2
PBIOCntl[2]
0
R/W
I/O control for PB[2]
1
PBIOCntl[1]
0
R/W
I/O control for PB[1]
0
PBIOCntl[0]
0
R/W
I/O control for PB[0]
Default "0" is: PortB in input mode
Table 6.6.3 Register RegPB0Comp
Bit
Name
Reset
R/W
Description
3
--
--
--
2
PB0CompResult
0
R
Comparator result flag
1
PB0CompEnable
0
R/W
Comparator measurements enable
0
PB0CompSelect
0
R/W
Dynamic input Comparator function
Default "0" is: Power supply voltage level detection
Table 6.6.4 register OPTFSelPB
Bit
Name
power on
value
R/W
Description
3
PB1HzOut
0
R/W
Ck[1] output on PB[2]
2
PB2kHzOut
0
R/W
Ck[12] output on PB[1]
1
PB32kHzOut
0
R/W
Ck[16] output on PB[0]
0
NoInputRes
0
R/W
No Input Reset From Port A
Default "0" is: No frequency output, Port A can reset the EM6620.
Table 6.6.5 option register OPTNoPdPB
Bit
Name
power on
value
R/W
Description
3
NoPdPB[3]
0
R/W
No pull-down on PB[3]
2
NoPdPB[2]
0
R/W
No pull-down on PB[2]
1
NoPdPB[1]
0
R/W
No pull-down on PB[1]
0
NoPdPB[0]
0
R/W
No pull-down on PB[0]
Default "0" is: Pull-down on
Table 6.6.6 option register OPTNchOpDPB
Bit
Name
power on
value
R/W
Description
3
NchOpDPB[3]
0
R/W
Nch. Open Drain on PB[3]
2
NchOpDPB[2]
0
R/W
Nch. Open Drain on PB[2]
1
NchOpDPB[1]
0
R/W
Nch. Open Drain on PB[1]
0
NchOpDPB[0]
0
R/W
Nch. Open Drain on PB[0]
Default "0" is: CMOS on PB[3..0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com