Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 26 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 26 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 30Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
26
www.emmicroelectronic.com
Table 7.7.3 Register RegCCntl2
Bit
Name
Reset
R/W
Description
3
Start
0
R/W
Start/Stop control
2
EvCount
0
R/W
Event counter enable
1
EnComp
0
R/W
Enable comparator
0
Load
0
R/W
Write: load counter register;
Read: always 0
Default : Stop, no event count, no comparator, no load
Table 7.7.4 Register RegSysCntl1
Bit
Name
Reset
R/W
Description
3
IntEn
0
R/W
General interrupt enable
2
SLEEP
0
R/W
Sleep mode
1
SelIntFull
0
R/W
Compare Interrupt select
0
ChTmDis
0
R/W
For EM test only
Default : Interrupt on limited bit compare
Table 7.7.5 Register RegCDataL, Counter/Compare Low Data Nibble
Bit
Name
Reset
R/W
Description
3
CReg[3]
0
W
Counter data bit 3
2
CReg[2]
0
W
Counter data bit 2
1
CReg[1]
0
W
Counter data bit 1
0
CReg[0]
0
W
Counter data bit 0
3
Count[3]
0
R
Data register bit 3
2
Count[2]
0
R
Data register bit 2
1
Count[1]
0
R
Data register bit 1
0
Count[0]
0
R
Data register bit 0
Table 7.7.6 Register RegCDataM, Counter/Compare Middle Data Nibble
Bit
Name
Reset
R/W
Description
3
CReg[7]
0
W
Counter data bit 7
2
CReg[6]
0
W
Counter data bit 6
1
CReg[5]
0
W
Counter data bit 5
0
CReg[4]
0
W
Counter data bit 4
3
ShCount[7]
0
R
Data register bit 7
2
ShCount[6]
0
R
Data register bit 6
1
ShCount[5]
0
R
Data register bit 5
0
ShCount[4]
0
R
Data register bit 4
Table 7.7.7 Register RegCDataH, Counter/Compare High Data Nibble
Bit
Name
Reset
R/W
Description
3
BitSel[1]
0
R/W
Bit select for limited bit count/compare
2
BitSel[0]
0
R/W
Bit select for limited bit count/compare
1
CReg[9]
0
W
Counter data bit 9
0
CReg[8]
0
W
Counter data bit 8
1
ShCount[9]
0
R
Data register bit 9
0
ShCount[8]
0
R
Data register bit 8
Table 7.7.8 Counter Length Selection
BitSel[1]
BitSel[0 ]
counter length
0
0
10-Bit
0
1
8-Bit
1
0
6-Bit
1
1
4-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com