Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6620WS27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power Microcontroller with 4x8 LCD Driver
Features
• Low Power
- 2.1 µA
active mode, LCD On
- 0.5 µA standby mode, LCD Off
- 0.1 µA sleep mode
@ 1.5V, 32kHz, 25°C
• Low Voltage
- 1.2 to 3.6 V
• SVLD - metal mask programmable (2.0V)
• ROM
- 1280
× 16 bits
• RAM
-
64
× 4 bits
• 2 clocks per instruction cycle
• 72 basic instructions
• Oscillation supervisor
• Timer watchdog (2 sec)
• Max. 8 inputs ; port A, port B
• max. 4 outputs ; port B
• LCD 8 segments, 3 or 4 times multiplexed
• Universal 10-bit counter, PWM, event counter
• Prescaler down to 1 Hz (crystal = 32 KHz)
• 1/1000 sec, 12 bit binary coded decimal counter
with hard or software start/stop function
• Frequency output 1Hz, 2048 Hz, 32 KHz, PWM
• 7 internal interrupt sources (BCD counter,
• 2×10-bit counter, 3× prescaler, SVLD)
• 5 external interrupt sources (port A, compare)
Description
The EM6620 is an advanced single chip CMOS 4-
bit microcontroller. It contains ROM, RAM, power
on reset, watchdog timer,
oscillation detection
circuit, 10 bit up/down counter, Millisecond counter,
prescaler, voltage level detector (SVLD), compare
input, frequency output, LCD driver and several
clock functions. The low voltage feature and low
power consumption make it the most suitable
controller for battery, stand alone and mobile
equipment. The EM6620 is manufactured using EM
Microeletronic’s
Advanced
Low
Power
(ALP)
CMOS Process.
Typical Applications
• Timing device
• Medical applications
• Domestic appliance
• Timer / sports timing devices
• Safety and security devices
• Automotive controls with display
• Measurement equipment
• Interactive system with display
• Bicycle computers
Figure 1. Architecture
Figure 2. Pin Configuration
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6620WS27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6621WP11 EMMICRO-EM6621WP11 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6621WP27 EMMICRO-EM6621WP27 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6621WS11 EMMICRO-EM6621WS11 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6621WS27 EMMICRO-EM6621WS27 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
More results

Similar Description - EM6620WS27

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
LCD Driver (19x4) with Key Scan (4x8)
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
LCD Driver with Key Scan(4x8)
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
Ultra Low Power uController with 4x20 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com