Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 40 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 40 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 44Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
40
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
RegCDataL
5D
93
0000
0: Count[0]
1: Count[1]
2: Count[2]
3: Count[3]
0: CReg[0]
1: CReg[1]
2: CReg[2]
3: CReg[3]
10 bit counter
data low bits
RegCDataM
5E
94
0000
0: Count[4]
1: Count[5]
2: Count[6]
3: Count[7]
0: CReg[4]
1: CReg[5]
2: CReg[6]
3: CReg[7]
10 bit counter
data middle bits
RegCDataH
5F
95
0000
0: Count[8]
1: Count[9]
2: BitSel[0]
3: BitSel[1]
0: CReg[8]
1: CReg[9]
2: BitSel[0]
3: BitSel[1]
10 bit counter
data high bits
RegMSCCntl1
60
96
0000
0: '0'
1: dT/MSC
2: PA3/µP
3:RunEn/Stop
0: ResMSC
1: dT/MSC
2: PA3/µP
3:RunEn/Stop
Millisecond counter
control register 1;
Reset, delta time, control
source
RegMSCCntl2
61
97
0000
0: FlSec
1: IntSel
2: PA3Edge
3: DebFreqSel
0: --
1: IntSel
2: PA3Edge
3: DebFreqSel
Millisecond counter
control
register 2;
1 sec flag, Interrupt
and PA3 edge select
RegMSCDataL
62
98
0000
0: BCD[0]
1: BCD[1]
2: BCD[2]
3: BCD[3]
0: -
1: -
2: -
3: -
Millisecond counter;
binary coded decimal
value, low nibble
RegMSCDataM
63
99
0000
0: BCD[4]
1: BCD[5]
2: BCD[6]
3: BCD[7]
0: -
1: -
2: -
3: -
Millisecond counter;
binary coded decimal
value, middle nibble
RegMSCDataH
64
100
0000
0: BCD[8]
1: BCD[9]
2: BCD[10]
3: BCD[11]
0: -
1: -
2: -
3: -
Millisecond counter;
binary coded decimal
value, high nibble
RegIRQMask1
65
101
0000
0: MaskIRQPA[0]
1: MaskIRQPA[1]
2: MaskIRQPA[2]
3: MaskIRQPA[3]
Port A interrupt mask;
masking active low
RegIRQMask2
66
102
0000
0: MaskIRQPB0Comp
1: MaskIRQBlink
2: MaskIRQHz32/8
3: MaskIRQHz1
Prescaler interrupt mask;
masking active low
RegIRQMask3
67
103
0000
0: MaskIRQCntComp
1: MaskIRQCount0
2: MaskIRQMSC
3: MaskIRQVLD
10 bit counter, millisecond
counter, serial interrupt
mask
masking active low
RegIRQ1
68
104
0000
0: IRQPA[0]
1: IRQPA[1]
2: IRQPA[2]
3:IRQPA[3]
0: RIRQPA[0]
1: RIRQPA[1]
2: RIRQPA[2]
3: RIRQPA[3]
Read: Port A interrupt
Write: Reset if data bit = 1
RegIRQ2
69
105
0000
0: IRQPB0Comp
1: IRQBlink
2: IRQHz32/8
3: IRQHz1
0: RIRQPB0Comp
1: RIRQBlink
2: RIRQHz32/8
3: RIRQHz1
Read: prescaler IRQ ;
Write: Reset if data bit = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com