Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
5. Oscillator and Prescaler
5.1 Oscillator
A built-in crystal oscillator generates the system operating clock for the CPU and peripheral blocks, from an
externally connected crystal (typically 32.768kHz). The oscillator circuit is supplied by the regulated voltage,
Vreg. In sleep mode the oscillator is stopped.
EM’s special design techniques guarantee the low current consumption of this oscillator. The external
impedance between the oscillator pads must be greater than 10 MOhm. Connection of any other components
to the two oscillator pads must be confirmed by EM Microelectronic-Marin SA.
5.2 Prescaler
The prescaler consists of fifteen elements divider chain which delivers clock signals for the peripheral circuits
such as timer/counter, buzzer, LCD voltage multiplier, debouncer and edge detectors, as well as generating
prescaler interrupts. The input to the prescaler is the system clock signal. Power on initializes the prescaler to
Hex(0001).
Table 5.2.1 Prescaler Clock Name Definition
Function
Name
32 KHz Xtal
Function
Name
32 KHz Xtal
System clock
Ck[16]
32768 Hz
System clock / 256
Ck[8]
128 Hz
System clock / 2
Ck[15]
16384 Hz
System clock / 512
Ck[7]
64 Hz
System clock / 4
Ck[14]
8192 Hz
System clock / 1024
Ck[6]
32 Hz
System clock / 8
Ck[13]
4096 Hz
System clock / 2048
Ck[5]
16 Hz
System clock/ 16
Ck[12]
2048 Hz
System clock / 4096
Ck[4]
8 Hz
System clock / 32
Ck[11]
1024 Hz
System clock / 8192
Ck[3]
4 Hz
System clock / 64
Ck[10]
512 Hz
System clock / 16384
Ck[2]
2 Hz
System clock / 128
ck [9]
256 Hz
System clock / 32768
Ck[1]
1 Hz
Table 5.2.2 Control of Prescaler Register RegPresc
Bit
Name
Reset
R/W
Description
3
PWMOn
0
R/W
see 10 bit counter
2
ResPresc
0
R/W
Write Reset prescaler
1 -> Resets the divider chain
from Ck[14] down to
Ck[2], sets Ck[1].
0 -> No action.
The Read value is always '0'
1
PrIntSel
0
R/W
Interrupt select.
0 -> Interrupt from Ck[4]
1 -> Interrupt from Ck[6]
0
DebSel
0
R/W
Debouncer clock select.
0 -> Debouncer with Ck[8]
1 -> Debouncer with Ck[11] or
Ck[14]
With DebSel = 1 one may choose either the Ck[11] or Ck[14] debouncer frequency by selecting the
corresponding metal mask option. Relative to 32kHz the corresponding max. debouncer times are then 2 ms or
0.25 ms. For the metal mask selection refer to chapter 16.1.5.
Switching the PrIntSel may generate an interrupt request. Avoid it with MaskIRQ32/8 = 0 selection during the
switching operation.
Figure 8. Prescaler Frequency Timing
System Clock
Ck[16]
Ck[15]
Ck[14]
Horizontal Scale Change
Ck[2]
Ck[1]
First positive edge of 1 Hz clock is 1s after
the falling reset edge
Prescaler Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com