Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 188 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 184Page - Texas Instruments AM68AX Datasheet HTML 185Page - Texas Instruments AM68AX Datasheet HTML 186Page - Texas Instruments AM68AX Datasheet HTML 187Page - Texas Instruments AM68AX Datasheet HTML 188Page - Texas Instruments AM68AX Datasheet HTML 189Page - Texas Instruments AM68AX Datasheet HTML 190Page - Texas Instruments AM68AX Datasheet HTML 191Page - Texas Instruments AM68AX Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 251 page
background image
Table 7-40. GPMC0 IOSET (continued)
Signals
IOSET1
IOSET2
BALL NAME
MUX
BALL NAME
MUX
GPMC0_A15
RGMII6_TD3
8
RGMII6_TD3
8
GPMC0_A16
RGMII6_TD2
8
RGMII6_TD2
8
GPMC0_A17
RGMII6_TD1
8
RGMII6_TD1
8
GPMC0_A18
RGMII6_TD0
8
RGMII6_TD0
8
GPMC0_A19
RGMII6_TXC
8
RGMII6_TXC
8
GPMC0_A20
RGMII6_RXC
8
RGMII6_RXC
8
GPMC0_A21
RGMII6_RD3
8
RGMII6_RD3
8
GPMC0_A22
RGMII6_RD2
8
RGMII6_RD2
8
GPMC0_A23
PRG0_PRU1_GPO2
8
PRG0_PRU1_GPO2
8
GPMC0_A24
PRG0_PRU1_GPO4
8
PRG0_PRU1_GPO4
8
GPMC0_A25
PRG0_PRU1_GPO6
8
PRG0_PRU1_GPO6
8
GPMC0_A26
PRG0_PRU1_GPO11
8
PRG0_PRU1_GPO11
8
GPMC0_A27
PRG0_MDIO0_MDIO
8
PRG0_MDIO0_MDIO
8
GPMC0_WAIT3
MDIO0_MDIO
8
MDIO0_MDIO
8
7.10.5.11 HyperBus
For more details about features and additional description information on the device HyperBus, see the
corresponding sections within Section 6.3 and Detailed Description.
Section 7.10.5.11, Section 7.10.5.11.2, and Section 7.10.5.11.3 assume testing over the recommended operating
conditions and electrical characteristic conditions (see Figure 7-66, Figure 7-67, and Figure 7-68).
Table 7-41 represents HyperBus timing conditions.
Table 7-41. HyperBus Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
7.10.5.11.1 Timing Requirements for HyperBus
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D1
tw(RESETn)
Pulse width, RESETn
200
ns
D2
tw(csL)
Pulse width, Chip Select
1000
ns
D3
td(RESETnH-csL)
Delay time, RESETn inactive to CSn active
200.34
ns
D4
td(csL-RWDSL)
Delay time, CSn active to RWDS falling
115
ns
7.10.5.11.2 HyperBus 166 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D5
tskn(rwdsX-dV)
Input skew, RWDS transitioning to D0:D7 valid
-0.46
0.46
ns
D6
tc(clk/clkn)
CLK period, CLK/CLKn
6
ns
D7
tw(clk/clkn)
Pulse width, CLK/CLKn
2.7
ns
D8
tw(csIV)
Pulse width, CS0 invalid between operations
6
ns
D9
td(clkH-csL)
Delay time, CS0 active to CLK rising/ CLKn falling
-3.34
ns
D10
td(clkL[LE]-csH)
Delay time, last falling CLK/ rising CLKn edge to CS0 inactive
0.41
ns
D11
td(clkX-rwdsV)
Delay time, CLK transition to RWDS valid
1.01
2.08
ns
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
188
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com