Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 191 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 191 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 187Page - Texas Instruments AM68AX Datasheet HTML 188Page - Texas Instruments AM68AX Datasheet HTML 189Page - Texas Instruments AM68AX Datasheet HTML 190Page - Texas Instruments AM68AX Datasheet HTML 191Page - Texas Instruments AM68AX Datasheet HTML 192Page - Texas Instruments AM68AX Datasheet HTML 193Page - Texas Instruments AM68AX Datasheet HTML 194Page - Texas Instruments AM68AX Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 251 page
background image
• The I2C specification defines a maximum input voltage VIH of (VDD
max + 0.5 V), which exceeds the
absolute maximum ratings for the device IOs. The system must be designed to ensure the I2C signals
never exceed the limits defined in the Absolute Maximum Ratings section of this data sheet.
Refer to the Philips I2C-bus specification version 2.1 for timing details.
For more details about features and additional description information on the device Inter-Integrated Circuit, see
the corresponding subsections within Section 6.3 and Detailed Description.
7.10.5.13 I3C
For more details about features and additional description information on the device Inter-Integrated Circuit, see
the corresponding sections within Section 6.3, Signal Descriptions and Detailed Description.
Table 7-42, Table 7-43, Figure 7-69, Table 7-44, and Figure 7-70 assume testing over the recommended
operating conditions and electrical characteristic conditions.
Table 7-42. I3C Open Drain Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.2276
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
50
pF
Table 7-43. I3C Open Drain Timing Parameters
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tLOW_OD
Low Period of SCL Clock
Controller
200
ns
tDIG_OD_L
tLOW_OD
MIN +
tFDA_OD
MIN
ns
D2
tHIGH
High Period of SCL Clock
Controller
41
ns
tDIG_H
tHIGH + tCF
ns
D3
tfDA_OD
Fall Time of SDA Signal
Controller, Target
tCF
12
ns
D4
tSU_OD
SDA Data Setup Time During Open Drain Mode
Controller, Target
3
ns
D5
tCAS
Clock After START (S) Condition
Controller,
ENTAS0
38.4
1000
ns
Controller,
ENTAS1
38.4
100000
ns
Controller,
ENTAS2
38.4
2000000
ns
Controller,
ENTAS3
38.4
50000000
ns
D6
tCBP
Clock Before STOP (P) Condition
Controller
tCAS MIN /
2
ns
D7
tMMOVERLAP
Current Controller to Secondary Controller Overlap
time during handoff
Controller
tDIG_OD_L
min
ns
D8
tAVAL
Bus Available Condition
Controller
1000
ns
D9
tIDLE
Bus Idle Condition
Controller
1000000
ns
D10
tMMLOCK
Time Internal Where New Controller Not Driving SDA
Low
Controller
tAVALmin
ns
1. This is approximately equal to tLOWmin + tDS_ODmin + trDA_ODtyp + tSU_Odmin.
2. The Controller may use a shorter Low period if the Controller knows that this is safe, when SDA is already
above VIH.
3. Based on tSPIKE, rise and fall times, and interconnect.
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
191
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com