Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 3Page - ATMEL Corporation AT49LL080 Datasheet HTML 4Page - ATMEL Corporation AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation AT49LL080 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
AT49LL080
3273C–FLASH–5/03
START: This one-clock field indicates the start of a cycle. It is valid on the last clock that
LFRAME is sampled low. On the rising edge of CLK with LFRAME low, the contents of
LAD3 - LAD0 must be 0000b to indicate the start of a LPC cycle.
CYCTYPES + DIR: This one-clock field is used to indicate the type of cycle and direc-
tion of transfer. Bits 3 - 2 must be “01b” for a memory cycle. Bit 1 indicates the type of
transfer: “0” for read operation, “1” for write operation. DIR field indication of transfer: “0”
for read, “1” for write. Bit 0 is reserved. “010xb” indicates a memory read cycle; while
“011xb” indicates a memory write cycle.
MADDR (MEMORY ADDRESS): This is an eight-clock field, which gives a 32-bit mem-
ory address. LPC supports the 32-bit address protocol. The address is transferred with
the most significant nibble first. For the AT49LL080, address bit 23 directs Reads and
Writes to memory locations (A23 = 1) or to register access locations (A23 = 0). A22 - A20
are device ID strapping bits, and A19 - A0 are decoded as memory addresses.
TURN-AROUND (TAR): This field is two clocks wide, and is driven by the master when
it is turning control over to the LPC, (for example, to read data), and is driven by the LPC
when it is turning control back over to the master. On the first clock of this two-clock-
wide field, the master or LPC drives the LAD[3:0] lines to “1111b”. On the second clock
of this field, the master or peripheral tri-states the LAD[3:0] lines.
SYNC: This field is used to add wait states. It can be several clocks in length. On target
or DMA cycles, this field is driven by the LPC. If the LPC needs to assert wait states, it
does so by driving “0101b” (short SYNC) on LAD[3:0] until it is ready. When ready, it will
drive “0000b”. Valid values for this field are shown in Table 4.
Table 3. CYCTYPE + DIR Fields
LAD[3:0]
Indication
010xb
LPC Memory Read
011xb
LPC Memory Write
Table 4. Valid SYNC Values
Bits[3:0]
Indication
0000
Ready: SYNC achieved with no error.
0101
Short Wait: Part indicating wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com