Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation AT49LL080 Datasheet HTML 11Page - ATMEL Corporation AT49LL080 Datasheet HTML 12Page - ATMEL Corporation AT49LL080 Datasheet HTML 13Page - ATMEL Corporation AT49LL080 Datasheet HTML 14Page - ATMEL Corporation AT49LL080 Datasheet HTML 15Page - ATMEL Corporation AT49LL080 Datasheet HTML 16Page - ATMEL Corporation AT49LL080 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
AT49LL080
3273C–FLASH–5/03
Note:
1. The Write Lock bit must be set to the desired protection state prior to starting a program or erase operation since it is sam-
pled at the beginning of the operation. Changing the state of the Write Lock bit during a program or erase operation may
cause unpredictable results. If the state of the Write Lock bit changes during a program suspend or erase suspend state, the
changes to the sector’s locking status do not take place immediately. The suspended operation may be resumed success-
fully. The new lock status will take place after the program or erase operation completes. The individual bit functions are
described in the following sections.
READ LOCK: The default read status of all sectors upon power-up is read-unlocked.
When a sector’s read-lock bit is set (1 state), data cannot be read from that sector. An
attempted read from a read-locked sector will result in data 00H being read. (Note that
failure is not reflected in the status register). The read-lock status can be unlocked by
clearing (0 state) the read-lock bit, provided the lock-down bit has not been set. The cur-
rent read-lock status of a particular sector can be determined by reading the
corresponding read-lock bit.
WRITE LOCK: The default write status of all sectors upon power-up is write-locked
(1 state). Any program or erase operations attempted on a locked sector will return an
error in the status register (indicating sector lock). The status of the locked sector can be
changed to unlocked (0 state) by clearing the write-lock bit, provided the lock-down bit is
not also set. The current write-lock status of a particular sector can be determined by
reading the corresponding write-lock bit. Any program or erase operations attempted on
a locked sector will return an error in the status register (indicating sector lock). The
write-lock functions in conjunction with the hardware write-lock pins, TBL and WP.
When active, these pins take precedence over the register-locking function and write-
lock the top sector or remaining sectors, respectively. Reading this register will not read
the state of the TBL or WP pins.
LOCK-DOWN: When in the LPC interface mode, the default lock-down status of all sec-
tors upon power-up is not-locked-down (0 state). The lock-down bit for any sector may
be set (1 state), but only once, as future attempted changes to that sector locking regis-
ter will be ignored. The lock-down bit is only cleared upon a device reset with RST or
INIT. The current lock-down status of a particular sector can be determined by reading
the corresponding lock-down bit. Once a sector’s lock-down bit is set, the read- and
write-lock bits for that sector can no longer be modified and the sector is locked down in
its current state of read and write accessibility.
GENERAL-PURPOSE INPUTS REGISTER: This register reads the status of the
GPI[4:0] pins on the LPC at power-up. Since this is a pass-through register, there is no
default value as shown in Table 7. It is recommended that the GPI pins be in the desired
state before LFRAME is brought low for the beginning of the next bus cycle, and remain
in that state until the end of the cycle.
Table 9. Register-based Locking Value Definitions
Data
Reserved
Data 7 - 3
Read Lock,
Data 2
Lock-down,
Data 1
Write Lock,
Data 0
Resulting Sector State
(1)
00
00000
00
0
Full access
01
00000
00
1
Write locked – Default state at power-up
02
00000
01
0
Locked open (full access locked down)
03
00000
01
1
Write locked down
04
00000
10
0
Read locked
05
00000
10
1
Read and write locked
06
00000
11
0
Read locked down
07
00000
11
1
Read and write locked down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com