Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 20Page - ATMEL Corporation AT49LL080 Datasheet HTML 21Page - ATMEL Corporation AT49LL080 Datasheet HTML 22Page - ATMEL Corporation AT49LL080 Datasheet HTML 23Page - ATMEL Corporation AT49LL080 Datasheet HTML 24Page - ATMEL Corporation AT49LL080 Datasheet HTML 25Page - ATMEL Corporation AT49LL080 Datasheet HTML 26Page - ATMEL Corporation AT49LL080 Datasheet HTML 27Page - ATMEL Corporation AT49LL080 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24
AT49LL080
3273C–FLASH–5/03
ELECTRICAL CHARACTERISTICS IN A/A MUX MODE: Certain specifications differ
from the previous sections, when programming in A/A Mux Mode. The following subsec-
tions provide this data. Any information that is not shown here is not specific to A/A Mux
Mode and uses the LPC Mode specifications.
Notes:
1. Input leakage currents include high-Z output leakage for all bi-directional buffers with tri-state outputs.
2. Refer to PCI spec.
3. Inputs are not “5-volt safe.”
4. I
IL may be changed on IC and ID pins (up to 200 µA) if pulled against internal pull-downs. Refer to the pin descriptions.
Notes:
1. If RST is asserted when the WSM is not busy (RY/BY = 1), the reset will complete within 100 ns.
2. A reset time, tPHAV, is required from the latter of RY/BY or RST going high until outputs are valid.
AC Waveforms for Reset Operations
A/A Mux Mode Interface DC Input/Output Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
V
IH
(3)
Input High Voltage
0.5 V
CC
V
CC + 0.5
V
VIL
(3)
Input Low Voltage
-0.5
0.8
V
I
IL
(4)
Input Leakage Current
V
CC = VCC max,
V
out = VCC or GND
+10
µA
VOH
Output High Voltage
VCC = VCC min, IOH = -2.5 mA
V
CC = VCC min, IOH = -100 µA
0.85 VCC Min
V
CC = 0.4
V
V
V
OL
Output Low Voltage
V
CC = VCC min, IOL = 2 mA
0.4
V
CIN
Input Pin Capacitance
13
pF
C
CLK
CLK Pin Capacitance
3
12
pF
L
PIN
(2)
Recommended Pin Inductance
20
nH
Reset Operations
Symbol
Parameter
Min
Max
Unit
t
PLPH
RST Pulse Low Time (If RST is tied to V
CC, this specification is not
applicable.)
100
ns
t
PLRH
RST Low to Reset during Sector Erase or Program
(1)(2)
20
µs
VIH
VIL
VIH
VIL
tPLPH
tPLRH
RY/BY
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com