Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation AT49LL080 Datasheet HTML 11Page - ATMEL Corporation AT49LL080 Datasheet HTML 12Page - ATMEL Corporation AT49LL080 Datasheet HTML 13Page - ATMEL Corporation AT49LL080 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
AT49LL080
3273C–FLASH–5/03
OUTPUT DISABLE: When the LPC is not selected through a LPC read or write cycle,
the LPC interface outputs (LAD[3:0]) are disabled and will be placed in a high-imped-
ance state.
Bus Abort
The Bus Abort operation can be used to immediately abort the current bus operation. A
Bus Abort occurs when LFRAME is driven Low, V
IL, during the bus operation; the mem-
ory will tri-state the Input/Output Communication pins, LAD3 - LAD0 and the LPC state
machine will reset. During a write cycle, there is the possibility that an internal Flash
write or erase operation is in progress (or has just been initiated). If the LFRAME is
asserted during this time frame, the internal operation will not abort. The software must
send an explicit Flash command to terminate or suspend the operation. The internal
LPC state machine will not initiate a Flash write or erase operation until it has received
the last nibble from the chipset. This means that LFRAME can be asserted as late as
cycle 12 (Table 6) and no internal Flash operation will be attempted.
HARDWARE WRITE-PROTECT PINS TBL AND WP: Two pins are available with the
LPC to provide hardware write-protect capabilities.
The Top Sector Lock (TBL) pin is a signal, when held low (active), prevents program or
sector erase operations in the top sector of the device (sector 15) where critical code
can be stored. When TBL is high, hardware write protection of the top sector is disabled.
The write-protect (WP) pin serves the same function for all the remaining sectors except
the top sector. WP operates independently from TBL and does not affect the lock status
of the top sector.
The TBL and WP pins must be set to the desired protection state prior to starting a pro-
gram or erase operation since they are sampled at the beginning of the operation.
Changing the state of TBL or WP during a program or erase operation may cause
unpredictable results.
If the state of TBL or WP changes during a program suspend or erase suspend state,
the changes to the device’s locking status do not take place immediately. The sus-
pended operation may be resumed to successfully complete the program or erase
operation. The new lock status will take place after the program or erase operation
completes.
These pins function in combination with the register-based sector locking (to be
explained later). These pins, when active, will write-protect the appropriate sector(s),
regardless of the associated sector locking registers. (For example, when TBL is active,
writing to the top sector is prevented, regardless of the state of the Write Lock bit for the
top sector’s locking register. In such a case, clearing the write-protect bit in the register
will have no functional effect, even though the register may indicate that the sector is no
longer locked. The register may still be set to read-lock the sector, if desired.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com