Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation AT49LL080 Datasheet HTML 11Page - ATMEL Corporation AT49LL080 Datasheet HTML 12Page - ATMEL Corporation AT49LL080 Datasheet HTML 13Page - ATMEL Corporation AT49LL080 Datasheet HTML 14Page - ATMEL Corporation AT49LL080 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
AT49LL080
3273C–FLASH–5/03
Register-based
Locking and General-
purpose Input
Registers
A series of registers are available in the LPC to provide software read and write locking
and GPI feedback. These registers are accessible through standard addressable mem-
ory space.
REGISTERS: The AT49LL080 has two types of registers: sector-locking registers and
general-purpose input registers. The two types of registers appear at their respective
address locations in the 4 GB system memory map.
SECTOR-LOCKING REGISTERS: The AT49LL080 has 16 (LR0 - LR15) sector-locking
registers. Each sector-locking register controls the lock protection for a sector of mem-
ory as shown in Table 7. The sector-locking registers are accessible through the register
memory address shown in the third column of Table 7. The sector-locking registers are
read/write as shown in the last column of Table 7. Each sector has three dedicated lock-
ing bits as shown in Table 8 and Table 9.
Device Memory Map with LPC Hardware Lock Architecture
Sector
Size (Bytes)
Address Range
Hardware Write-protect Pin
SA15
64K
F0000 - FFFFF
TBL
SA14
64K
E0000 - EFFFF
WP
SA13
64K
D0000 - DFFFF
WP
SA12
64K
C0000 - CFFFF
WP
SA11
64K
B0000 - BFFFF
WP
SA10
64K
A0000 - AFFFF
WP
SA9
64K
90000 - 9FFFF
WP
SA8
64K
80000 - 8FFFF
WP
SA7
64K
70000 - 7FFFF
WP
SA6
64K
60000 - 6FFFF
WP
SA5
64K
50000 - 5FFFF
WP
SA4
64K
40000 - 4FFFF
WP
SA3
64K
30000 - 3FFFF
WP
SA2
64K
20000 - 2FFFF
WP
SA1
64K
10000 - 1FFFF
WP
SA0
64K
00000 - 0FFFF
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com