Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 22Page - ATMEL Corporation AT49LL080 Datasheet HTML 23Page - ATMEL Corporation AT49LL080 Datasheet HTML 24Page - ATMEL Corporation AT49LL080 Datasheet HTML 25Page - ATMEL Corporation AT49LL080 Datasheet HTML 26Page - ATMEL Corporation AT49LL080 Datasheet HTML 27Page - ATMEL Corporation AT49LL080 Datasheet HTML 28Page - ATMEL Corporation AT49LL080 Datasheet HTML 29Page - ATMEL Corporation AT49LL080 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
AT49LL080
3273C–FLASH–5/03
Notes:
1. Refer to “A/A Mux Read-only Operations” for valid AIN and DIN for sector erase or program, or other commands.
2. T
C = 0° C to +85° C, 3.3V ± 0.3V VCC.
A/A Mux Write Operations(1)(2)
Symbol
Parameter
Min
Max
Units
t
PHWL
RP High Recovery to WE Low
1
µs
tWLWH
Write Pulse Width Low
100
ns
t
DVWH
Data Setup to WE High
(1)
50
ns
t
WHDX
Data Hold from WE High
(1)
8ns
tAVCL
Row Address Setup to R/C Low
(1)
50
ns
t
CLAX
Row Address Hold from R/C Low
(1)
50
ns
t
AVCH
Column Address Setup to R/C High
(1)
50
ns
tCHAX
Column Address Hold from R/C High
(1)
50
ns
t
WHWL
Write Pulse Width High
100
ns
t
CHWH
R/C High Setup to WE High
50
ns
tVPWH
VPP1,2 Setup to WE High
100
ns
t
WHGL
Write Recovery before Read
150
ns
t
WHRL
WE High to RY/BY Going Low
0
ns
tQVVL
VPP1,2 Hold from Valid SRD, RY/BY High
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com