Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 15Page - ATMEL Corporation AT49LL080 Datasheet HTML 16Page - ATMEL Corporation AT49LL080 Datasheet HTML 17Page - ATMEL Corporation AT49LL080 Datasheet HTML 18Page - ATMEL Corporation AT49LL080 Datasheet HTML 19Page - ATMEL Corporation AT49LL080 Datasheet HTML 20Page - ATMEL Corporation AT49LL080 Datasheet HTML 21Page - ATMEL Corporation AT49LL080 Datasheet HTML 22Page - ATMEL Corporation AT49LL080 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
AT49LL080
3273C–FLASH–5/03
Notes:
1. All specified voltages are with respect to GND. Minimum DC voltage on the V
PP pin is -0.5V. During transitions, this level may
undershoot to -2.0V for periods of <20 ns. During transitions, this level may overshoot to VCC + 2.0V for periods <20 ns.
2. Maximum DC voltage on V
PP may overshoot to +13.0V for periods <20 ns.
3. Connection to supply of V
HH is allowed for a maximum cumulative period of 80 hours.
4. Do not violate processor or chipset limitations on the INIT pin.
Note:
1. This temperature requirement is different from the normal commercial operating condition of Flash memories.
Notes:
1. Input leakage currents include high-Z output leakage for all bi-directional buffers with tri-state outputs.
2. Refer to PCI spec.
3. Inputs are not “5-volt safe.”
4. I
IL may be changed on IC and ID pins (up to 200 µA) if pulled against internal pull-downs. Refer to the pin descriptions.
5. Do not violate processor or chipset specifications regarding the INIT pin voltage.
Absolute Maximum Ratings*
Voltage on Any Pin
(except V
PP) .............. ...................-0.5V to +VCC + 0.5V
(1)(2)(4)
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
V
PP Voltage ............................................ -0.5V to +13.0V
(1)(2)(3)
Operating Conditions
Temperature and VCC
Symbol
Parameter
Test Condition
Min
Max
Unit
TC
Operating Temperature
(1)
Case Temperature
0
+85
° C
V
CC
V
CC Supply Voltage
3.0
3.6
V
LPC Interface DC Input/Output Specifications
Symbol
Parameter
Conditions
Min
Max
Units
V
IH
(3)
Input High Voltage
0.5 V
CC
V
CC + 0.5
V
V
IH (INIT)
(5)
INIT Input High Voltage
1.35
V
CC + 0.5
V
VIL (INIT)
(5)
INIT Input Low Voltage
0.85
V
V
IL
(3)
Input Low Voltage
-0.5
0.3 V
CC
V
I
IL
(4)
Input Leakage Current
(1)
0 < V
IN < VCC
±10
µA
VOH
Output High Voltage
IOUT = -500 µA
0.9 VCC
V
V
OL
Output Low Voltage
I
OUT = 1500 µA
0.1 V
CC
V
C
IN
Input Pin Capacitance
13
pF
CCLK
CLK Pin Capacitance
3
12
pF
L
pin(2)
Recommended Pin Inductance
20
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com