Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 13Page - ATMEL Corporation AT49LL080 Datasheet HTML 14Page - ATMEL Corporation AT49LL080 Datasheet HTML 15Page - ATMEL Corporation AT49LL080 Datasheet HTML 16Page - ATMEL Corporation AT49LL080 Datasheet HTML 17Page - ATMEL Corporation AT49LL080 Datasheet HTML 18Page - ATMEL Corporation AT49LL080 Datasheet HTML 19Page - ATMEL Corporation AT49LL080 Datasheet HTML 20Page - ATMEL Corporation AT49LL080 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
AT49LL080
3273C–FLASH–5/03
Notes:
1. Check B7 to determine sector erase or program completion. B6 - B0 are invalid while B7 = “0”.
2. If both B5 and B4 are “1”s after a sector erase attempt, an improper command sequence was entered.
3. B1 does not provide a continuous indication of Write Lock bit, TBL pin or WP pin values. The WSM interrogates the Write
Lock bit, TBL pin or WP pin only after a sector erase or program operation. Depending on the attempted operation, it informs
the system whether or not the selected sector is locked.
4. B0 is reserved for future use and should be masked out when polling the status register.
A/A Mux Interface
The following information applies only to the AT49LL080 when in A/A Mux Mode. Infor-
mation on LPC Mode (the standard operating mode) is detailed earlier in this document.
Electrical characteristics in A/A Mux Mode are provided on pages starting from page 24.
The AT49LL080 is designed to offer a parallel programming mode for faster factory pro-
gramming. This mode, called A/A Mux Mode, is selected by having this IC pin high. The
IC pin is pulled down internally in the AT49LL080, so a modest current should be
expected to be drawn (see Table 1 on page 3 for further information). Four control pins
dictate data flow in and out of the component: R/C, OE, WE, and RST. R/C is the A/A
Mux control pin used to latch row and column addresses. OE is the data output control
pin (I/O0 - I/O7), drives the selected memory data onto the I/O bus, when active WE and
RST must be at V
IH.
Status Register Definition
B7
Write State Machine Status
(1)
1
Ready
0Busy
B6
Erase Suspend Status
1
Sector Erase Suspended
0
Sector Erase in Progress/Completed
B5
Erase Status
(2)
1
Error in Sector Erasure
0
Successful Sector Erase
B4
Program Status
1
Error in Program
0
Successful Program
B2
Program Suspend Status
1
Program Suspended
0
Program in Progress/Completed
B1
Device Protect Status
(3)
1
Write Lock Bit, TBL Pin or WP Pin Detected, Operation Abort
0
Unlock
B0
Reserved for Future Enhancements
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com