Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 18Page - ATMEL Corporation AT49LL080 Datasheet HTML 19Page - ATMEL Corporation AT49LL080 Datasheet HTML 20Page - ATMEL Corporation AT49LL080 Datasheet HTML 21Page - ATMEL Corporation AT49LL080 Datasheet HTML 22Page - ATMEL Corporation AT49LL080 Datasheet HTML 23Page - ATMEL Corporation AT49LL080 Datasheet HTML 24Page - ATMEL Corporation AT49LL080 Datasheet HTML 25Page - ATMEL Corporation AT49LL080 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
AT49LL080
3273C–FLASH–5/03
Notes:
1. Minimum and maximum times have different loads. See PCI spec.
2. For purposes of Active/Float timing measurements, the high-Z or “off” state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
3. This parameter applies to any input type (excluding CLK).
Output Timing Parameters
Input Timing Parameters
Signal Timing Parameters
Symbol
PCI Symbol
Parameter
Min
Max
Units
t
CHQX
t
val
CLK to Data Out
(1)
211
ns
tCHQX
ton
CLK to Active (Float to Active Delay)
(2)
2ns
t
CHQZ
t
off
CLK to Inactive (Active to Float Delay)
(2)
28
ns
t
AVCH
tDVCH
t
su
Input Set-up Time
(3)
9
ns
t
CHAX
t
CHDX
t
h
Input Hold Time
(3)
0
ns
tVSPL
trst
Reset Active Time after Power Stable
1
ms
t
CSPL
t
rst-clk
Reset Active Time after CLK Stable
100
µs
t
PLQZ
t
rst-off
Reset Active to Output Float Delay
(2)
48
ns
toff
ton
tval
Vth
Vtl
Vtest
CLK
LAD[3:0]
(Valid Output Data)
LAD[3:0]
(Float Output Data)
th
Vth
Vtl
Vmax
Vtest
CLK
LAD[3:0]
(Valid Input Data)
tsu
Inputs Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com