Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 16Page - ATMEL Corporation AT49LL080 Datasheet HTML 17Page - ATMEL Corporation AT49LL080 Datasheet HTML 18Page - ATMEL Corporation AT49LL080 Datasheet HTML 19Page - ATMEL Corporation AT49LL080 Datasheet HTML 20Page - ATMEL Corporation AT49LL080 Datasheet HTML 21Page - ATMEL Corporation AT49LL080 Datasheet HTML 22Page - ATMEL Corporation AT49LL080 Datasheet HTML 23Page - ATMEL Corporation AT49LL080 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
AT49LL080
3273C–FLASH–5/03
Notes:
1. All currents are in RMS unless otherwise noted. These currents are valid for all packages.
2. V
PP = VCC.
3. VIH = 0.9 VCC, VIL = 0.1 VCC per the PCI output VOH and VOL spec.
4. This number is the worst case of I
PP + ICC Memory Core + ICC LPC Interface.
Power Supply Specifications – All Interfaces
Symbol
Parameter
Conditions
Min
Max
Units
VPPH1
VPP Voltage
0
3.6
V
V
PPH2
V
PP Voltage
11.4
12.6
V
V
PPLK
V
PP Lockout Voltage
1.5
V
VLKO
VCC Lockout Voltage
1.5
V
I
CCSL1
V
CC Standby Current (LPC Interface)
(2)
Voltage range of all inputs is
V
IH to VIL, LFRAME = VIH,
(3)
V
CC = 3.6V,
CLK f = 33 MHz
No internal operations in
progress
100
(4)
µA
ICCSL2
VCC Standby Current (LPC Interface)
(2)
LFRAME = VIL
(3)
V
CC = 3.6V,
CLK f = 33 MHz
No internal operations in
progress
10
(4)
mA
I
CCA
V
CC Active Current
(2)
V
CC = VCC Max,
(3)
CLK f = 33 MHz
Any internal operation in
progress,
I
OUT = 0 mA
67
(4)
mA
I
PPR
V
PP Read Current
(2)
V
PP ≥ VCC
200
µA
IPPWE
VPP Program or Erase Current
VPP = 3.0 - 3.6V
(2)
40
mA
V
PP = 11.4 - 12.6V
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com