Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 4Page - ATMEL Corporation AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation AT49LL080 Datasheet HTML 11Page - ATMEL Corporation AT49LL080 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
AT49LL080
3273C–FLASH–5/03
Figure 1. LPC Read Waveforms
Note:
1. Field contents are valid on the rising edge of the present clock cycle.
CYCTYPE
+ DIR
ADDR
TAR
SYNC(3)
TAR
DATA
CLK
LFRAME
LAD[3:0]
START
1
2
3
4
5
6
7
8
9
10
111213
14
1516
17
1819
Table 5. LPC Read Cycle
Clock Cycle
Field Name
Field Contents
(1)
LAD[3:0]
LAD[3:0]
Direction
Comments
1
START
0000b
IN
LFRAME must be active (low) for the part to respond.
Only the last start field (before LFRAME transitioning
high) should be recognized. The START field contents
indicate an LPC memory read cycle.
2
CYCTYPE
+ DIR
010xb
IN
Cycle Type: Indicates the type of cycle. Bits 3:2 must
be 01 for a memory cycle.
DIR: Bit 1 indicates the direction of the transfer (0 for
read). Bit 0 is reserved.
3 - 10
ADDR
YYYY
IN
These eight clock cycles make up the 32-bit memory
address. YYYY is one nibble of the entire address.
Addresses are transferred most significant nibble first.
11
TAR0
1111b
IN
then float
In this clock cycle, the master (ICH) has driven the
bus to all 1s and then floats the bus, prior to the next
clock cycle. This is the first part of the bus “turnaround
cycle”.
12
TAR1
1111b (float)
Float then OUT
The LPC takes control of the bus during this cycle.
During the next clock cycle, it will be driving “sync
data”.
13 - 14
WSYNC
0101b (WAIT)
OUT
The LPC outputs the value 0101, a wait-sync
(WSYNC, a.k.a. “short-sync”), for two clock cycles.
This value indicates to the master (ICH) that data is
not yet available from the part. This number of wait-
syncs is a function of the device’s access time.
15
RSYNC
0000b (READY)
OUT
During this clock cycle, the LPC will generate a
“ready-sync” (RSYNC) indicating that the least
significant nibble of the least significant byte will be
available during the next clock cycle.
16
DATA
YYYY
OUT
YYYY is the least significant nibble of the least
significant data byte.
17
DATA
YYYY
OUT
YYYY is the most significant nibble of the least
significant data byte.
18
TAR0
1111b
OUT
then float
The LPC Flash memory drives LAD0 - LAD3 to 1111b
to indicate a turnaround cycle.
19
TAR1
1111b (float)
Float then
IN
The LPC Flash memory floats its outputs, the master
(ICH) takes control of LAD3 - LAD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com