Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 11Page - ATMEL Corporation AT49LL080 Datasheet HTML 12Page - ATMEL Corporation AT49LL080 Datasheet HTML 13Page - ATMEL Corporation AT49LL080 Datasheet HTML 14Page - ATMEL Corporation AT49LL080 Datasheet HTML 15Page - ATMEL Corporation AT49LL080 Datasheet HTML 16Page - ATMEL Corporation AT49LL080 Datasheet HTML 17Page - ATMEL Corporation AT49LL080 Datasheet HTML 18Page - ATMEL Corporation AT49LL080 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
AT49LL080
3273C–FLASH–5/03
READ ARRAY: Upon initial device power-up and after exit from reset, the device
defaults to read array mode. This operation is also initiated by writing the Read Array
command. The device remains enabled for reads until another command is written.
Once the internal state machine (WSM) has started a block erase or program operation,
the device will not recognize the Read Array Command until the operation is completed,
unless the operation is suspended via an Erase Suspend or Program Suspend Com-
mand. The Read Array command functions independently of the V
PP voltage.
PRODUCT IDENTIFICATION: The product identification mode identifies the device and
manufacturer as Atmel.
Following the Product ID Entry command, read cycles from the addresses shown in
Table 11 retrieve the manufacturer and device code. To exit the product identification
mode, any valid command can be written to the device. The Product ID Entry command
functions independently of the V
PP voltage.
SECTOR ERASE: Before a byte can be programmed, it must be erased. The erased
state of the memory bits is a logical “1”. Since the AT49LL080 does not offer a complete
chip erase, the device is organized into multiple sectors that can be individually erased.
The Sector Erase command is a two-bus cycle operation.
Successful sector erase requires that the corresponding sector’s Write Lock bit be
cleared and the corresponding write-protect pin (TBL or WP) be inactive. If sector erase
is attempted when the sector is locked, the sector erase will fail, with the reason for fail-
ure in the status register.
Successful sector erase only occurs when VPP = VPPH1 or VPPH2. If the erase operation is
attempted at VPP ≠ VPPH1 or VPPH2 erratic results may occur.
BYTE PROGRAMMING: The device is programmed on a byte-by-byte basis. Program-
ming is accomplished via the internal device command register and is a two-bus cycle
operation. The programming address and data are latched in the second bus cycle. The
device will automatically generate the required internal programming pulses. Please
note that a “0” cannot be programmed back to a “1”; only an erase operation can convert
“0”s to “1”s.
After the program command is written, the device automatically outputs the status regis-
ter data when read. When programming is complete, the status register may be
checked. If a program error is detected, the status register should be cleared before cor-
rective action is taken by the software. The internal WSM verification Error Checking
only detects “1”s that do not successfully program to “0”s.
Reliable programming only occurs when VPP = VPPH1 or VPPH2. If the program operation
is attempted at VPP ≠ VPPH1 or VPPH2 erratic results may occur.
A successful program operation also requires that the corresponding sector’s Write Lock
bit be cleared, and the corresponding write-protect pin (TBL or WP) be inactive. If a pro-
gram operation is attempted when the sector is locked, the operation will fail.
ERASE SUSPEND: The Erase Suspend command allows sector-erase interruption to
read or program data in another sector of memory. Once the sector erase process
starts, writing the sector erase suspend command requests that the WSM suspend the
Table 11. Identifier Codes
Code
Address (AID)
Data
Manufacturer Code
00000
1FH
Device Code
00001
EBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com