Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 2Page - ATMEL Corporation AT49LL080 Datasheet HTML 3Page - ATMEL Corporation AT49LL080 Datasheet HTML 4Page - ATMEL Corporation AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
AT49LL080
3273C–FLASH–5/03
internal circuits. RST or INIT must be held low for time t
PLPH (A/A Mux and LPC opera-
tion). The LPC resets to read array mode upon return from reset, and all sectors are set
to default (locked) status regardless of their locked state prior to reset.
Driving RST or INIT low resets the device, which resets the sector lock registers to their
default (write-locked) condition. A reset time (t
PHQV A/A Mux) is required from RST or
INIT switching high until outputs are valid. Likewise, the device has a wake time (t
PHRH
A/A Mux) from RST or INIT high until writes to the CUI are recognized. A reset latency
will occur if a reset procedure is performed during a programming or erase operation.
During sector erase or program, driving RST or INIT low will abort the operation under-
way, in addition to causing a reset latency. Memory contents being altered are no longer
valid, since the data may be partially erased or programmed.
It is important to assert RST or INIT during system reset. When the system comes out of
reset, it will expect to read from the memory array of the device. If a system reset occurs
with no LPC reset (this will be hardware dependent), it is possible that proper CPU ini-
tialization will not occur (the LPC memory may be providing status information instead of
memory array data).
CYCLE TYPES: There are two types of cycles that are supported by the AT49LL080:
LPC Memory Read and LPC Memory Write.
Device Operation
READ: Read operations consist of START, CYCTYPE + DIR, ADDRESS, TAR, SYNC
and data fields as shown in Figure 1 and described in Table 5. The different fields are
described below. Commands using the read mode include the following functions: read-
ing memory from the array, reading the identifier codes, reading the lock bit registers
and reading the GPI registers. Memory information, identifier codes, or the GPI registers
can be read independent of the V
PP voltage. Upon initial device power-up or after exit
from reset mode, the device automatically resets to read array mode.
READ CYCLE, SINGLE BYTE: For read cycles, after the address is transferred, the
master drives a TAR field to give ownership of the bus to the LPC. After the second
clock of the TAR phase the LPC assumes the bus and begins driving SYNC values.
When it is ready, it drives the low nibble, then the high nibble of data, followed by a TAR
field to give control back to the master.
Figure 1 shows a device that requires three SYNC clocks to access data. Since the
access time can begin once the address phase has been completed, the two clocks of
the TAR phase can be considered as part of the access time of the part. For example, a
device with a 120 ns access time could assert “0101b” for clocks 1 and 2 of the SYNC
phase and “0000b” for the last clock of the SYNC phase. This would be equivalent to
five clocks worth of access time if the device started that access at the conclusion of the
preamble phase. Once SYNC is achieved, the device then returns the data in two clocks
and gives ownership of the bus back to the master with a TAR phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com