Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49LL080 Datasheet HTML 1Page - ATMEL Corporation AT49LL080 Datasheet HTML 2Page - ATMEL Corporation AT49LL080 Datasheet HTML 3Page - ATMEL Corporation AT49LL080 Datasheet HTML 4Page - ATMEL Corporation AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
AT49LL080
3273C–FLASH–5/03
Pin Description
Table 1 details the usage of each of the device pins. Most of the pins have dual function-
ality, with functions in both the Firmware Hub and A/A Mux interfaces. A/A Mux
functionality for pins is shown in bold in the description box for that pin. All pins are
designed to be compliant with voltage of V
CC + 0.3V max, unless otherwise noted.
Table 1. Pin Description
Symbol
Type
Interface
Name and Function
LPC
A/A Mux
IC
INPUT
X
X
INTERFACE CONFIGURATION PIN: This pin determines which interface is
operational. This pin is held high to enable the A/A Mux interface. This pin is
held low to enable the LPC interface. This pin must be set at power-up or before
return from reset and not changed during device operation. This pin is pulled
down with an internal resistor, with values between 20 and 100 k
Ω. With IC high
(A/A Mux mode), this pin will exhibit a leakage current of approximately 200 µA.
This pin may be floated, which will select LPC mode.
RST
INPUT
X
X
INTERFACE RESET: Valid for both A/A Mux and LPC interface operations.
When driven low, RST inhibits write operations to provide data protection during
power transitions, resets internal automation, and tri-states pins LAD[3:0] (in
LPC interface mode). RST high enables normal operation. When exiting from
reset, the device defaults to read array mode.
INIT
INPUT
X
PROCESSOR RESET: This is a second reset pin for in-system use. This pin is
internally combined with the RST pin. If this pin or RST is driven low, identical
operation is exhibited. This signal is designed to be connected to the chipset
INIT signal (Max voltage depends on the processor. Do not use 3.3V.)
A/A Mux = OE
CLK
INPUT
X
33 MHz CLOCK for LPC INTERFACE: This input is the same as the PCI clock
and adheres to the PCI specification.
A/A Mux = R/C
LAD[3:0]
I/O
X
ADDRESS AND DATA: These pins provide LPC control signals, as well as
addresses and command Inputs/Outputs Data.
A/A Mux = I/O[3:0]
LFRAME
INPUT
X
FRAME: This pin indicates the start of a data transfer operation; also used to
abort an LPC cycle in progress.
A/A Mux = WE
ID[3:1]
INPUT
X
IDENTIFICATION INPUTS: These three pins are part of the mechanism that
allows multiple parts to be attached to the same bus. The strapping of these
pins is used to identify the component. The boot device must have ID[3:1] =
000, and it is recommended that all subsequent devices should use a
sequential up-count strapping (i.e., 001, 010, 011, etc.). These pins are pulled
down with internal resistors, with values between 20 and 100 k
Ω when in LPC
mode. Any ID pins that are pulled high will exhibit a leakage current of
approximately 200 µA. Any pins intended to be low may be left to float. In a
single LPC system, all may be left floating.
A/A Mux = A[3:0]
CE
INPUT
X
When CE is low, the device is enabled. This pin is pulled down with an
internal resistor and can exhibit a leakage current of approximately 10 µA.
Since this pin is internally pulled down and thus can be left unconnected, the
AT49LL080 is compatible with systems that do not use a CE signal. To reduce
power, the device is placed in a low-power standby mode when CE is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com