Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49LL080 Datasheet HTML 1Page - ATMEL Corporation AT49LL080 Datasheet HTML 2Page - ATMEL Corporation AT49LL080 Datasheet HTML 3Page - ATMEL Corporation AT49LL080 Datasheet HTML 4Page - ATMEL Corporation AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
AT49LL080
3273C–FLASH–5/03
An internal Command User Interface (CUI) serves as the control center between the two
device interfaces (LPC and A/A Mux) and internal operation of the nonvolatile memory.
A valid command sequence written to the CUI initiates device automation.
Specifically designed for 3V systems, the AT49LL080 supports read operations at 3.3V
and sector erase and program operations at 3.3V and 12V V
PP. The 12V VPP option ren-
ders the fastest program performance which will increase factory throughput, but is not
recommended for standard in-system LPC operation in the platform. Internal V
PP detec-
tion circuitry automatically configures the device for sector erase and program
operations. Note that, while current for 12V programming will be drawn from V
PP, 3.3V
programming board solutions should design such that V
PP draws from the same supply
as V
CC, and should assume that full programming current may be drawn from either pin.
Low Pin Count Interface
The Low Pin Count (LPC) interface is designed to work with the I/O Controller Hub (ICH)
during platform operation.
The LPC interface consists primarily of a five-signal communication interface used to
control the operation of the device in a system environment. The buffers for this inter-
face are PCI compliant. To ensure the effective delivery of security and manageability
features, the LPC interface is the only way to get access to the full feature set of the
device. The LPC interface is equipped to operate at 33 MHz, synchronous with the PCI
bus.
Address/Address
Multiplexed Interface
The A/A Mux interface is designed as a programming interface for OEMs to use during
motherboard manufacturing or component pre-programming.
The A/A Mux refers to the multiplexed row and column addresses in this interface. This
approach is required so that the device can be tested and programmed quickly with
automated test equipment (ATE) and PROM programmers in the OEM’s manufacturing
flow. This interface also allows the device to have an efficient programming interface
with potentially large future densities, while still fitting into a 32-pin package. Only basic
reads, programming, and erase of the nonvolatile memory sectors can be performed
through the A/A Mux interface. In this mode LPC features, security features and regis-
ters are unavailable. A row/column (R/C) pin determines which set of addresses “rows
or columns” are latched.
Block Diagram
LPC
INTERFACE
A10 - A0
I/O7 - I/O0
FLASH
ARRAY
CONTROL
LOGIC
A/A MUX
INTERFACE
RST
IC
CLK
LAD (3:0)
LFRAME
ID (3:1)
GPI (4:0)
TBL
CE
WP
WE
RY/BY
R/C
OE
INIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com