Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49LL080
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49LL080 Datasheet HTML 5Page - ATMEL Corporation AT49LL080 Datasheet HTML 6Page - ATMEL Corporation AT49LL080 Datasheet HTML 7Page - ATMEL Corporation AT49LL080 Datasheet HTML 8Page - ATMEL Corporation AT49LL080 Datasheet HTML 9Page - ATMEL Corporation AT49LL080 Datasheet HTML 10Page - ATMEL Corporation AT49LL080 Datasheet HTML 11Page - ATMEL Corporation AT49LL080 Datasheet HTML 12Page - ATMEL Corporation AT49LL080 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
AT49LL080
3273C–FLASH–5/03
WRITE: Write operations consist of START, CYCTYPE + DIR, ADDRESS, data, TAR
and SYNC fields as shown in Figure 2 and described in Table 6.
WRITE CYCLES: For write cycles, after the address is transferred, the master writes
the low nibble, then the high nibble of data. After that the master drives a TAR field to
give ownership of the bus to the LPC. After the second clock of the TAR phase, the tar-
get device assumes the bus and begins driving SYNC values. A TAR field to give control
back to the master follows this.
Figure 2. LPC Single-byte Write Waveforms
Note:
1. Field contents are valid on the rising edge of the present clock cycle.
MADDR
TAR
TAR
SYNC
CLK
LFRAME
LAD[3:0]
DATA
START CYCTYPE
+ DIR
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Table 6. LPC Write Cycle
Clock Cycle
Field Name
Field
Contents
(1)
LAD[3:0]
LAD[3:0]
Direction
Comments
1
START
0000b
IN
LFRAME must be active (low) for the part to respond. Only the
last start field (before LFRAME transitioning high) should be
recognized. The START field contents indicate an LPC memory
write cycle.
2
CYCTYPE
+ DIR
011xb
IN
Cycle Type: Indicates the type of cycle. Bits 3:2 must be 01 for a
memory cycle.
DIR: Bit 1 indicates the direction of the transfer (1 for write). Bit 0
is reserved.
3 - 10
ADDR
YYYY
IN
These eight clock cycles make up the 32-bit memory address.
YYYY is one nibble of the entire address. Addresses are
transferred most significant nibble first.
11
DATA
YYYY
IN
This field is the least significant nibble of the data byte. This data
is either the data to be programmed into the Flash memory or
any valid Flash command.
12
DATA
YYYY
IN
This field is the most significant nibble of the data byte.
13
TAR0
1111b
IN
then float
In this clock cycle, the master (ICH) has driven the bus to all 1s
and then floats the bus prior to the next clock cycle. This is the
first part of the bus “turnaround cycle”.
14
TAR1
1111b (float)
Float then
OUT
The LPC takes control of the bus during this cycle. During the
next clock cycle it will be driving the “sync” data.
15
RSYNC
0000b
OUT
The LPC outputs the values 0000, indicating that it has received
data or a Flash command.
16
TAR0
1111b
OUT
then Float
The LPC Flash memory drives LAD0 - LAD3 to 1111b to indicate
a turnaround cycle.
17
TAR1
1111b (float)
Float then
IN
The LPC Flash memory floats its outputs, the master (ICH) takes
control of LAD3 - LAD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com