Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 2Page - STMicroelectronics STFPC311 Datasheet HTML 3Page - STMicroelectronics STFPC311 Datasheet HTML 4Page - STMicroelectronics STFPC311 Datasheet HTML 5Page - STMicroelectronics STFPC311 Datasheet HTML 6Page - STMicroelectronics STFPC311 Datasheet HTML 7Page - STMicroelectronics STFPC311 Datasheet HTML 8Page - STMicroelectronics STFPC311 Datasheet HTML 9Page - STMicroelectronics STFPC311 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
2 Pin connection
STFPC311
6/39
2.1
Pin description
Note: 1 For a detailed behavioral description of these pins, refer to the “STFPC311 Timing Power
Stand-by Sequencer Flow-Chart”. See Table 6 on page 12
Table 1.
Pin description
Pin Nº
Symbol
Type
Name and function
1
OSC
I
This is the oscillator input pin. Connect this pin to an external resistor.
2, 3
SW1, SW2
I
General purpose switch input ports.
4MUTE
O
High level indicates mute status for audio. Low level indicates normal
working.Note 1
5S
TBY
O
there is a typo. Pin5 and name is STBY. Standby output to put the MCU
in low power mode.
It is a command to the main power board. High level indicates stand-by
status. Low level indicates normal working. Note 1
7
GND
POWER
Connect this pin to system GND.
8, 9
KEY1, KEY2
I
Input data to these pins from external keyboard are latched at end of
the display cycle (maximum keyboard size is 12 x 2).
10
READY
I
High level on this pin means that main board chip has been working
normally.Note 1 This pin should never float. It is recommended have a
pull-down resistor on this input.
1
IR_DATA_IN
I
Remote control input. Feeds the IR data from photodiode to this pin.
14 to 25
SEG1/KS1 to
SEG12/KS12
O
Segment output pins (dual function as key source).
12, 26
VSS
POWER
VFD outputs high voltage pull-down level. VDD--33.3V max.
27 to 34
SEG13/GRID16
to SEG20/GRID9
O
These pins are selectable for segment or grid driving.
35 to 37
GRID8 to GRID6
O
Grid output pins.
6, 13,38
VDD
POWER
3.3V ± 0.3V Core main supply voltage.
39
NC
O
Not used. Left unconnected.
40 to 44
GRID5 to GRID1
O
Grid output pins.
45
STB
I
Initializes the serial interface at the rising or falling edge to make the
STFPC31 wait for reception of command. The data input after the falling
edge of STB is processed as a command. While the command data is
processed, current processing is stopped, and the serial interface is
initialized. While STB is high, CLK is ignored and any instruction from
the MCU is neglected.
46
CLK
I
Reads serial data at the rising edge, and outputs data at the falling
edge.
47
DIN
I
Inputs serial data at the rising edge of the shift clock, starting from the
lower bit.
48
DOUT
O
Outputs serial data at the faling edge of the shift clock, starting from the
lower bit. This is the N-channel opendrain output pin.
49-52
LED1, LED2,
LED3, LED4
O
CMOS outputs (20mA, max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com