Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 14Page - STMicroelectronics STFPC311 Datasheet HTML 15Page - STMicroelectronics STFPC311 Datasheet HTML 16Page - STMicroelectronics STFPC311 Datasheet HTML 17Page - STMicroelectronics STFPC311 Datasheet HTML 18Page - STMicroelectronics STFPC311 Datasheet HTML 19Page - STMicroelectronics STFPC311 Datasheet HTML 20Page - STMicroelectronics STFPC311 Datasheet HTML 21Page - STMicroelectronics STFPC311 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
6 Commands
STFPC311
18/39
6
Commands
A command sets the display mode and status of the VFD driver. The first 1-byte input to the
STFPC311 through the DIN pin after the STB pin goes low is regarded as a command. If STB is
set to high while commands/data are transmitted, the serial communication is initialized and the
commands/data being transmitted are invalid (however, the commands/data already
transmitted remain valid).
6.1
Configuration mode setting command
This command initializes the STFPC311 and performs any one of the following functions see
Figure 14.
a)
Selects the number of segments and number of grids (1/8 to 1/16 duty, 12 segments
to 20 segments). When this command is executed, the display is turned off. To
resume display, the Display ON command must be executed. If the same mode is
selected, nothing is performed.
b)
Selects the remote control protocol to use.
c)
Sets the watchdog timer. The watchdog timer is configurable from 1s to 15s or turned
off completely.
d)
Sets the watchdog action to perform when the watchdog timer counts. Two actions
are allowed: no action, and set STBY to (logic) high level.
Figure 14. STFPC311 Configuration mode setting command order
Table 3.
STFPC311 Configuration mode bit 3 through bit 0 settings
Note:
Based on Bit 5 through Bit 4 settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com