Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 24Page - STMicroelectronics STFPC311 Datasheet HTML 25Page - STMicroelectronics STFPC311 Datasheet HTML 26Page - STMicroelectronics STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics STFPC311 Datasheet HTML 30Page - STMicroelectronics STFPC311 Datasheet HTML 31Page - STMicroelectronics STFPC311 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
10 Maximum rating
STFPC311
28/39
10
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 6.
Absolute maximum rating ( TA = 25 °C, VSS = 0V )
Symbol
Parameter
Value
Unit
VDD
Logic Supply Voltage
-0.5 to +7.0
V
VSS
Driver Supply Voltage
VDD + 0.5 to VDD – 40
V
VI1
Logic Input Voltage
-0.4 to VDD + 0.5
V
VO2
VFP Driver Output Voltage
VSS – 0.5 to VDD+ 0.5
V
IO1
LED Driver Output Current
+25
mA
IO2
VFP Driver Output Current
-40 (grid)
-15 (segment)
mA
PD
Power Dissipation
1200 (1)
1.
Derate at -9.6 mW/°C at TA = 25 °C or higher
mA
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-65 to +150
°C
Table 7.
Recommended operating conditions (TA = -20 to +70 °C, VSS = 0V)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Logic Supply Voltage
3.0
3.3
3.6
V
VIH
High-Level Input Voltage
0.7VDD
VDD
V
VIL
Low-Level Input Voltage
0
0.3 VDD
V
VSS
Driver Supply Voltage
0
VDD-33.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com