Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 31Page - STMicroelectronics STFPC311 Datasheet HTML 32Page - STMicroelectronics STFPC311 Datasheet HTML 33Page - STMicroelectronics STFPC311 Datasheet HTML 34Page - STMicroelectronics STFPC311 Datasheet HTML 35Page - STMicroelectronics STFPC311 Datasheet HTML 36Page - STMicroelectronics STFPC311 Datasheet HTML 37Page - STMicroelectronics STFPC311 Datasheet HTML 38Page - STMicroelectronics STFPC311 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
STFPC311
14 Typical application diagram
35/39
14
Typical application diagram
●
ROSC = 33kΩ ± 1% for oscillator resistor;
●
R1 ~ R4 = 0.75 ~ 1.2k
Ω;
●
R5, R6 = 10k
Ω for external keyboard pull-down resistor;
●
C1 = 33µF-25V electrolytic;
●
C2 = 0.01 ~ 0.1µF-25V ceramic;
●
C3 = 0.01 ~ 0.1µF-63V ceramic;
●
C4 = 33µF-63V electrolytic;
●
D1 ~ D12 = 1N4148;
●
Ef = filament voltage according with the VFD specs;
●
VDD = 3.3V ±10%;
* VSS = down to VDD – 33.3V.
Figure 33. Typical application circuit
V
DD
R
OSC
V
DD
VDD
OSC
STB
CLK
12 x 2
KEYBOARD
Ef
KEY1
KEY2
SEG1/K1
S13/G16 ~ S20/G9
G1 ~ G8
VSS
VSS
DIN
8 Grids/Segments
8 Grids
R6
R5
STFPC311
R1
R2
C1
VFD
SEG12/K12
READY/STBY_n
NC
MUTE
STBY
IR_DATA_IN
LED1
LED2
<
<
<
<
<
<
<
<
<
<
<
V
SS* -30 V
V
DD 3.3V ± 0 .3 V
GND
GND
1
2
3
6
7
9
10
11
12
C2
C3
C4
+
D1
D12
+
8
4
5
R3
LED3
R4
LED4
DOUT
<
V
DD
R
OSC
V
DD
VDD
OSC
STB
CLK
12 x 2
KEYBOARD
Ef
KEY1
KEY2
SEG1/K1
S13/G16 ~ S20/G9
G1 ~ G8
VSS
VSS
DIN
8 Grids/Segments
8 Grids
R6
R5
STFPC311
R1
R2
C1
VFD
SEG12/K12
READY/STBY_n
NC
MUTE
STBY
IR_DATA_IN
LED1
LED2
<
<
<
<
<
<
<
<
<
<
<
V
SS* -30 V
V
DD 3.3V ± 0 .3 V
GND
GND
1
2
3
6
7
9
10
11
12
C2
C3
C4
+
D1
D12
+
8
4
5
R3
LED3
R4
LED4
DOUT
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com