Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 15Page - STMicroelectronics STFPC311 Datasheet HTML 16Page - STMicroelectronics STFPC311 Datasheet HTML 17Page - STMicroelectronics STFPC311 Datasheet HTML 18Page - STMicroelectronics STFPC311 Datasheet HTML 19Page - STMicroelectronics STFPC311 Datasheet HTML 20Page - STMicroelectronics STFPC311 Datasheet HTML 21Page - STMicroelectronics STFPC311 Datasheet HTML 22Page - STMicroelectronics STFPC311 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
STFPC311
6 Commands
19/39
Upon power application, the following modes are selected:
●
Display Mode Setting: the 16-digit, 12-segment mode is selected (default: display off and
key-scan on).
●
Remote Control Protocol Setting: RC-5.
●
Watchdog Timer Setting: Turned on with 10s. After the first command is processed by
STFPC311, the watchdog timer is turned off until it is turned on by the host.
●
Watchdog action: Issue Standby.
6.2
Data setting command
This command sets the
data WRITE and READ modes see Figure 15.
Figure 15. STFPC311 Data setting command order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com