Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 25Page - STMicroelectronics STFPC311 Datasheet HTML 26Page - STMicroelectronics STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics STFPC311 Datasheet HTML 30Page - STMicroelectronics STFPC311 Datasheet HTML 31Page - STMicroelectronics STFPC311 Datasheet HTML 32Page - STMicroelectronics STFPC311 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
STFPC311
10 Maximum rating
29/39
10.1
Power consumption estimation
The maximum power consumption is comprised of the Vacuum Florescent Display (VFD) driver
dissipation, Load Resistance (RL), LED driver dissipation, and dynamic power consumption.
PMAX = VFD + RL + LED + PDYN
Where,
●
PMAX = maximum power consumption,
●
VFD = Vacuum Florescent Display driver dissipation,
●
RL = load resistance,
●
LED = LED driver dissipation, and
●
PDYN = dynamic power consumption.
If the segment current (ISEG) = 3mA, grid current (IGRID) = 15mA, and the LED current =
20mA, then:
FIP = (#segments x 6) + [#grids/(#grids +1)] x 30mW,
RL dissipation = (VDD – VSS)2 ÷ 50(segment + 1mW),
LED driver dissipation = #LEDs x 20mW, and
PDYN = VDD x 5mW.
To finish this example:
FIP driver dissipation = 16 x 6 + 12/13 x 30 = 124mW
RL dissipation = 33.32/50 x 17 = 377mW
LED driver dissipation = 2 x 20 = 40
PDYN = 3.3 x 5 = 16.5mW
The maximum power consumption (Total) = 557.5mW
Where,
VSS = –30V,
VDD = 3.3V, and the application is in 16-segment, 12-digit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com