Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 1 Page - STMicroelectronics

  STFPC311 Datasheet HTML 1Page - STMicroelectronics STFPC311 Datasheet HTML 2Page - STMicroelectronics STFPC311 Datasheet HTML 3Page - STMicroelectronics STFPC311 Datasheet HTML 4Page - STMicroelectronics STFPC311 Datasheet HTML 5Page - STMicroelectronics STFPC311 Datasheet HTML 6Page - STMicroelectronics STFPC311 Datasheet HTML 7Page - STMicroelectronics STFPC311 Datasheet HTML 8Page - STMicroelectronics STFPC311 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
May 2006
Rev 1
1/39
39
STFPC311
Front panel controller/driver
with standby power management
Features
■ IC front panel controller/driver
■ Timing power standby management controller
■ IC power supply from 3.3V (VDD) to –30V (VSS)
■ Integrated VFD driver and controller
■ Infrared (IR) Remote Control (RC) Decoder
(Philips or NEC format)
■ Drives many display modes (12 segments/16
digits to 20 segments/8 digits)
■ High voltage outputs (VDD - 33.3V max)
■ No external resistors necessary for driver
outputs (P-channel open- drain with pull-down
resistor outputs)
■ Key scanning (up to 12mm x 2mm matrix)
■ Led ports (4 channels, 20mA, max)
■ Serial interface (STB, CLK, DIN, and DOUT)
communication protocol
■ Dimming circuit (adjustable up to 8 steps)
■ Supports auto-increment of display digit, which
lightens the load on the MCU
■ Programmable 8 hot keys for the IR remote
control command
■ Programmable 8 hot keys for key scan
command
■ Low power consumption in standby mode
■ 2 general purpose input ports (SW1, SW2)
■ Available in PQFP-52 package
Description
The STFPC311 is a complete, low-cost,
integrated solution for controlling and driving a
front panel Vacuum Fluorescent Display (VFD). It
is ideal for decreasing power consumption in
standby mode by reducing the application standby
current to a minimum. It also contains a built-in
remote control decoder module.
While in the standby mode of operation, a valid
key press or signal from infrared decoder will start
a proper power-up see Figure 6 on page 12.
The STFPC311 integrates a VFD controller with a
driver that is run on a 1/8 to 1/16-duty factor. It
consists of 12 segments output lines, 8 grid output
lines, 8 shared segments/grid output drive lines, a
display memory, a control circuit, and a key scan
circuit. Serial data is input to the STFPC311
through the SPI Interface of a microcontroller
(STB, DIN, DOUT, and CLK).
Additionally, this IC can support 2 general
purpose input switches (SW1 and SW2).
Features
■ DVD players
■ VCD players
■ AV equipment like Home Stereo
■ POS Systems
PQFP-52
www.st.com
Order Codes
Part number
Temperature range
Package
STFPC311
-40 to 85°C
PQFP-52


Similar Part No. - STFPC311

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFPC320 STMICROELECTRONICS-STFPC320 Datasheet
932Kb / 78P
Front panel controller/driver with standby power management and real-time clock
07-Jul-2008
More results

Similar Description - STFPC311

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L5991 STMICROELECTRONICS-L5991_01 Datasheet
415Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
logo
Weltrend Semiconductor
WTD0002 WELTREND-WTD0002 Datasheet
113Kb / 6P
LCD FRONT PANEL CONTROLLER
logo
STMicroelectronics
STFPC320 STMICROELECTRONICS-STFPC320 Datasheet
932Kb / 78P
Front panel controller/driver with standby power management and real-time clock
07-Jul-2008
STEVAL-CBP006V1 STMICROELECTRONICS-STEVAL-CBP006V1 Datasheet
150Kb / 4P
UniPower front panel and standby power management controller for STB, TV sets and other consumer devices
16-Jun-2010
logo
List of Unclassifed Man...
SI3480 ETC2-SI3480 Datasheet
139Kb / 14P
POWER MANAGEMENT CONTROLLER
logo
STMicroelectronics
L5991AD13TR STMICROELECTRONICS-L5991AD13TR Datasheet
416Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
UM0425 STMICROELECTRONICS-UM0425 Datasheet
347Kb / 11P
STLED316S Front panel LED controller/driver
05-Jun-2007
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
POWER MANAGEMENT CONTROLLER
logo
STMicroelectronics
STLED325 STMICROELECTRONICS-STLED325 Datasheet
667Kb / 62P
Standby power management to host
27-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com