Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 7Page - STMicroelectronics STFPC311 Datasheet HTML 8Page - STMicroelectronics STFPC311 Datasheet HTML 9Page - STMicroelectronics STFPC311 Datasheet HTML 10Page - STMicroelectronics STFPC311 Datasheet HTML 11Page - STMicroelectronics STFPC311 Datasheet HTML 12Page - STMicroelectronics STFPC311 Datasheet HTML 13Page - STMicroelectronics STFPC311 Datasheet HTML 14Page - STMicroelectronics STFPC311 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
STFPC311
3 Initialization
11/39
3.6.3
Watchdog timer operation during standby
●
When a hot-key signal is detected either from the front panel or remote control during
standby, the STBY de-asserts.
●
The de-assertion of the STBY triggers the watchdog timer.
●
The timer value is the programmed value that is set by the user (1s-15s). If the user did not
change the value before entering standby, then it remains 10s.
●
Also note: that The watchdog timer is off when the STFPC311 is in the standby mode to
save power.
Figure 5.
Standby condition
The watchdog timer is triggered by a de-assertion of the STBY signal or by the internal
Power-on Reset signal. It is not affected by the STB pin.
ST BY
3 a) S tand by C o ndition (N orm al beha vior )
H ot key co m m a nd fro m IR
o r K ey pa d for w ake u p
RE ADY
MU T E
ST BY
3b ) S tand by C o ndition (A bnorm al beha vior, processor is not respondin g)
H ot key com m an d fro m IR
or K e y pad for w a ke up
RE A D Y
MU T E
R E A D Y co ntinu es to rem a in lo w
Signa ls ST BY after
W D G count is o ver
W D G tim er trigge rs
R E A D Y asserts w ithin pro gra m m e d tim er valu e (1 s-15s)
WD G tim er
triggers
ST BY
3 a) S tand by C o ndition (N orm al beha vior )
H ot key co m m a nd fro m IR
o r K ey pa d for w ake u p
RE ADY
MU T E
ST BY
3b ) S tand by C o ndition (A bnorm al beha vior, processor is not respondin g)
H ot key com m an d fro m IR
or K e y pad for w a ke up
RE A D Y
MU T E
R E A D Y co ntinu es to rem a in lo w
Signa ls ST BY after
W D G count is o ver
W D G tim er trigge rs
R E A D Y asserts w ithin pro gra m m e d tim er valu e (1 s-15s)
WD G tim er
triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com