Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 4Page - STMicroelectronics STFPC311 Datasheet HTML 5Page - STMicroelectronics STFPC311 Datasheet HTML 6Page - STMicroelectronics STFPC311 Datasheet HTML 7Page - STMicroelectronics STFPC311 Datasheet HTML 8Page - STMicroelectronics STFPC311 Datasheet HTML 9Page - STMicroelectronics STFPC311 Datasheet HTML 10Page - STMicroelectronics STFPC311 Datasheet HTML 11Page - STMicroelectronics STFPC311 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
3 Initialization
STFPC311
8/39
3.4
Standby or power-down mode
Once the STFPC311 detects the status change of the READY to a logic low or after the preset
waiting time (1s to 15s) has elapsed, the STFPC311 sets the STBY pin to a logic high to turn off
the power. The MUTE signal is set to high before the power is turned off. The STFPC311
always senses the level on the READY pin during normal operation.
3.5
IR Decoding
Encoded IR data from photodiode is supplied to the IR_DATA_IN input pin. The data is
decoded by the internal remote control decoder module of STFPC311. In standby mode, the
remote control decoder recognizes a set of predefined commands (such as STANDBY, PLAY,
and OPEN/CLOSE), and takes appropriate action to manage the power supply.
These predefined commands are known as "hot keys" and are programmable. The decoded IR
commands are passed on to the main processor through the SPI interface by sending 3 bytes
of data on the DOUT pin.
3.6
Watchdog timer
The watchdog timer is used to detect an out-of-control microprocessor. The watch dog timer is
implemented in the STFPC311 to detect the abnormal processor behavior or processor-hung
condition. The default state of the watchdog timer is 10s when the device powers-up. It is
initialized by writing to the watchdog register and can be programmed to up to 15s (4-bit
watchdog timer, present in the configuration mode setting command).
If the processor does not reset the timer within the specified period, the STFPC311 will put the
entire system into standby mode to reset the appliance that has stopped abnormally. The action
to take when the watchdog timer has reached its count is to set the Watchdog Action register.
The watchdog timer can be reset by the host processor by sending a command to reset the
watchdog timer. The time-out period then starts over again. If the processor needs to be reset
as a result of a hung condition (signalled using the STBY output of the STFPC311), the
watchdog timer uses the amount of the time-out programmed into the Watchdog Register by
the user to generate an interrupt.
Note:
The accuracy of the timer is within ±10% the selected resolution. This depends on the value of
the external bias resistor, as it determines the internal clock frequency.
The watchdog function is automatically set to 10s upon power-up and the Watchdog Interrupt is
cleared. This boot-up watchdog timer is used to make sure that if the host processor hangs
during the first boot-up, the STFPC311 will put the system to standby mode. During the first
boot-up, the watchdog timer is disabled after the first READY signal is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com