Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 13Page - STMicroelectronics STFPC311 Datasheet HTML 14Page - STMicroelectronics STFPC311 Datasheet HTML 15Page - STMicroelectronics STFPC311 Datasheet HTML 16Page - STMicroelectronics STFPC311 Datasheet HTML 17Page - STMicroelectronics STFPC311 Datasheet HTML 18Page - STMicroelectronics STFPC311 Datasheet HTML 19Page - STMicroelectronics STFPC311 Datasheet HTML 20Page - STMicroelectronics STFPC311 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
STFPC311
5 Data
17/39
5
Data
5.1
LED Port
Data is written to the LED port by a WRITE command, starting from the least significant bit of
the port see Figure 12. When a bit of this port is set to 0, the corresponding LED lights up;
when the bit is set to a 1, the LED turns off. The data of Bits 5 through 8 are ignored. Upon first
power-up, all of the LEDs are turned off.
Figure 12. LED port data WRITE command order
5.2
SW Data
The SW data are read by the appropriate READ command, starting from the least significant bit
see Figure 13. Bits 3 through 8 of the SW data are 0.
Figure 13. SW data READ Command order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com