Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics STFPC311 Datasheet HTML 30Page - STMicroelectronics STFPC311 Datasheet HTML 31Page - STMicroelectronics STFPC311 Datasheet HTML 32Page - STMicroelectronics STFPC311 Datasheet HTML 33Page - STMicroelectronics STFPC311 Datasheet HTML 34Page - STMicroelectronics STFPC311 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
STFPC311
12 Timing characteristics
31/39
12
Timing characteristics
Table 10.
Timing characteristics ( VDD= 3.3V, TA= -20 to 70°C, unless otherwise noted.
Typical values are at TA= 25°C )
The pulse width of the segment signal is derived from the oscillator frequency. The value can be
modified by trimming ROSC. One cycle of key scanning consists of one frame and data of 12 x
2 matrices are stored in RAM.
Note:
The key scan is only at the end of the frame when the display is ON. When the display is OFF,
the key scan takes place continuously. The grid is turned off during the key scan.
Symbol
Parameter
Test conditions
Values
Unit
Min.
Typ.
Max.
PWCLK
Clock Pulse Width
400
ns
PWSTB
Strobe Pulse Width
1
µ
s
tSETUP
Data Setup Time
100
ns
tHOLD
Data Hold Time
100
ns
tCLK-STB Clock-Strobe Time
CLK
STB
1
µ
s
tWAIT
Wait Time (1)
1.
Refer to page on Serial Communication Format.
CLK
CLK
1
µ
s
Figure 27. Key scanning and display timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com