Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 22Page - STMicroelectronics STFPC311 Datasheet HTML 23Page - STMicroelectronics STFPC311 Datasheet HTML 24Page - STMicroelectronics STFPC311 Datasheet HTML 25Page - STMicroelectronics STFPC311 Datasheet HTML 26Page - STMicroelectronics STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics STFPC311 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
9 Remote control protocols
STFPC311
26/39
9.2
SPI interface IR data transmission
The IR data is sent on the DOUT pin of the SPI interface when the micro controller issues a IR
data read command. The data is sent in 3 bytes with LSB transmitted first as shown in the
Figure below:
The RC data consists of RC address, start bit, toggle bit and the RC command received. The
extra bits are stuffed with 1’s to make it a 3-byte packet. These extra bits at the end of the
packet should be ignored.
Figure 24. RC-6 protocol frame
The RC data consists of RC address, start bit, toggle bit and the RC command received. The
extra bits are stuffed with 1’s to make it a 3-byte packet. These extra bits at the end of the
packet should be ignored.
9.3
NEC remote control
This remote control protocol uses pulse distance modulation. Each bit consists of a high level of
fixed time "t", followed by a low level that varies in width. A space that is "t" represents a logic '0'
and a space that is "3t" represents a logic '1'. t = 0.56ms.
The LSB is transmitted first as shown in Figure 25
Figure 25. Pulse distance modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com