Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 26Page - STMicroelectronics STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics STFPC311 Datasheet HTML 30Page - STMicroelectronics STFPC311 Datasheet HTML 31Page - STMicroelectronics STFPC311 Datasheet HTML 32Page - STMicroelectronics STFPC311 Datasheet HTML 33Page - STMicroelectronics STFPC311 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
11 Electrical characteristics
STFPC311
30/39
11
Electrical characteristics
Table 8.
Electrical specifications
(TA = -20 to +70°C, VDD = 3.3V, VSS = 0V, VSS = VDD - 33.3V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOH1
High-Level Output Voltage
LED1 – LED4, IOH1 = -1mA
0.9VDD
V
VOL1
Low-Level Output Voltage
LED1 – LED4, IOH2 = 20mA
1V
VOL2
Low-Level Output Voltage
DOUT, IOL2 = 4mA
0.4
V
IOH21
High-Level Output Current
VO = VDD – 2V, Seg1to Seg12
-3
mA
IOH22
High-Level Output Current
VO = VDD – 2 V, Grid1to Grid8,
Se13g/Grid16to Seg20/Grid9
-15
mA
IOLEAK Driver Leakage Current
VO = VDD – 33.3 V, driver off
-10
µA
RL
Output Pull-Down Resistor Driver output
50
100
150
k
Ω
I
Input Current
VI= VDD or VSS
±1
µA
VIH
High-Level Input Voltage
0.7VDD
V
VIL
Low-Level Input Voltage
0.3VDD
V
VH
Hysteresis Voltage
CLK, DIN, STB
0.35
V
IDD(DYN)
Dynamic Current
Consumption
Under no load, display off
5
mA
Table 9.
Switching characteristics (TA = -20 to +70 °C, VDD = 3.3 V, VSS = -30 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tOSC
Oscillation Frequency
R = 33K
Ω ±5%
350
500
650
kHz
tPLZ
Propagation Delay Time
CLK
≤DOUT
CL = 15pF, RL = 10KΩ
300
ns
tPZL
100
ns
tTZH1
Rise Time
CL = 300pF
Seg1 to Seg12
2
µs
tTZH2
Grid1 to Grid8,
Seg13/Seg16 to
Seg20/Grid9
0.5
µs
tTHZ
Fall Time
CL = 300pF, Segn, Gridn
120
µs
fMAX
Maximum Clock
Frequency
Duty = 50%
1
MHz
CI
Input Capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com