Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 20Page - STMicroelectronics STFPC311 Datasheet HTML 21Page - STMicroelectronics STFPC311 Datasheet HTML 22Page - STMicroelectronics STFPC311 Datasheet HTML 23Page - STMicroelectronics STFPC311 Datasheet HTML 24Page - STMicroelectronics STFPC311 Datasheet HTML 25Page - STMicroelectronics STFPC311 Datasheet HTML 26Page - STMicroelectronics STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
8 Default status
STFPC311
24/39
8
Default status
8.1
Power-up default status
8.2
STANDBY status
The display remains ON during STANDBY only if the -20V is present. If the -20V is absent, the
display turns OFF. When the display wakes up from STANDBY and –20V is applied, the display
turns ON with previous value.
Switching off the display before entering the STANDBY state is recommended.
When the same display configuration command is sent, the display remains ON. When the
display configuration command is changed, the display is OFF.
Only hot key detection can wake the system up from STANDBY condition.
Table 5.
Default States
S. N
°
Functions
Default Status
1Display
OFF
2
Key-scan
ON
3IR
ON
4
Display mode
12 Seg/16Bit
5
Display address
00H
6
RC Protocol
DC-5
7LED
OFF
8
Dimming
1/16 Duty factor
9
Hot Kets (IR and FP)
Disabled
10
Watchdog timer
10s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com