Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 21Page - STMicroelectronics STFPC311 Datasheet HTML 22Page - STMicroelectronics STFPC311 Datasheet HTML 23Page - STMicroelectronics STFPC311 Datasheet HTML 24Page - STMicroelectronics STFPC311 Datasheet HTML 25Page - STMicroelectronics STFPC311 Datasheet HTML 26Page - STMicroelectronics STFPC311 Datasheet HTML 27Page - STMicroelectronics STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
STFPC311
9 Remote control protocols
25/39
9
Remote control protocols
9.1
RC-5 remote control
RC-5 remote control protocol is based on Bi-phase (also known as Manchester) encoding as
shown in Figure 21.
Note:
The encoding is set with reference to the IR_DATA_IN signal (after the photo diode). The MSB
is transmitted first see Figure 22.
●
The first two Start bits (S1 and S2) are synchronization bits. For normal operation, they are
always set to '11' on the transmission side. After the photo diode, there is one inversion.
The data at the IR_DATA_IN of the STFPC311 is shown in Figure 23 on page 25
●
The next bit is the Toggle bit. This bit is inverted each time a key on the remote control is
pressed.
●
Bits A1and A5 are the Address bits. The address bits indicate the intended application that
the remote control protocol is used for.
●
Bits C1..C6 are the Command bits. The command bits instruct the STFPC311 as to what
action is to be taken. The data representing the RC-5 protocol is sent as a byte of data
which consists of a Toggle bit and a ‘0’ bit followed by 6 bits of Command data.
Figure 21. Bi-phase encoding
Figure 22. RC-5 protocol frame
Figure 23. RC-5 reception example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com