Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC311 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 3Page - STMicroelectronics STFPC311 Datasheet HTML 4Page - STMicroelectronics STFPC311 Datasheet HTML 5Page - STMicroelectronics STFPC311 Datasheet HTML 6Page - STMicroelectronics STFPC311 Datasheet HTML 7Page - STMicroelectronics STFPC311 Datasheet HTML 8Page - STMicroelectronics STFPC311 Datasheet HTML 9Page - STMicroelectronics STFPC311 Datasheet HTML 10Page - STMicroelectronics STFPC311 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
STFPC311
3 Initialization
7/39
3
Initialization
After the power is plugged in, the device will supply power to all of the components (including
the host processor) by setting STBY to logic low in order to allow the host processor to program
the STFPC311. Once the STBY is set to low, the watchdog timer starts to count up to 10s (10s
is the default value of the watchdog timer upon power-up). When the READY is asserted within
this time, it indicates that the system has booted up well. If the READY pin is not asserted (logic
high) within this time (10s), the STFPC311 will put the system into standby mode again by
setting STBY to logic high.
If READY is detected as logic high, the watchdog timer will be turned OFF. The main processor
should program the remote control hot key and initialize the other parameters of the STFPC311
in preparation for normal operation before the system goes into standby mode. After all of the
STFPC311 configuration is finished, the host processor may set the READY to low so that the
STFPC311 enters standby mode. The STFPC311 then sets the MUTE pin to logic high to mute
the audio output as well as the STBY pin to logic high. As a consequence of this action, the
main supply voltage is turned off.
3.1
Normal mode of operation
After the power is plugged in, the device will supply power to all of the components (including
the host processor) by setting STBY to logic low in order to allow the host processor to program
the STFPC311. Once the STBY is set to low, the watchdog timer starts to count up to 10s (10s
is the default value of the watchdog timer upon power-up). When the READY is asserted within
this time, it indicates that the system has booted up well. If the READY pin is not asserted (logic
high) within this time (10s), the STFPC311 will put the system into standby mode again by
setting STBY to logic high.
If READY is detected as logic high, the watchdog timer will be turned OFF. The main processor
should program the remote control hot key and initialize the other parameters of the STFPC311
in preparation for normal operation before the system goes into standby mode. After all of the
STFPC311 configuration is finished, the host processor may set the READY to low so that the
STFPC311 enters standby mode. The STFPC311 then sets the MUTE pin to logic high to mute
the audio output as well as the STBY pin to logic high. As a consequence of this action, the
main supply voltage is turned off.
3.2
Receive operation
In receive condition, the STFPC311 waits for a valid command from the MCU. The receive
circuit of STFPC311 receives 8 bit serial data, latches the data and then masks the inputs from
the MCU. Refer to Figure 28 on page 32 for receive timing.
3.3
Transmit operation
In transmit condition, the STFPC311 sends the 8-bit serial data (LSB transmitted first)
whenever a key is pressed or IR data is received. STFPC311 transmits data on the falling edge
of CLK. Refer to Figure 29 on page 32 for transmit timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com