Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 43Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 44Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 45Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 46Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 47Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 48Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 49Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 50Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
DS13564 Rev 4
47/159
STM32G0C1xC/xE
Pinouts, pin description and alternate functions
56
Table 11. Terms and symbols used in Table 12
Column
Symbol
Definition
Pin name
Terminal name corresponds to its by-default function at reset, unless otherwise specified in
parenthesis under the pin name.
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Options for TT or FT I/Os
_f
I/O, Fm+ capable
_a
I/O, with analog switch function
_c
I/O, USB Type-C PD capable
_e
I/O, with switchable diode to VDDIOx
_d
I/O, USB Type-C PD Dead Battery function
_s
I/O, supplied from VDDIO2 only
Note
Upon reset, all I/Os are set as analog inputs, unless otherwise specified.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com