Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 23Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 24Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 25Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 26Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 27Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 28Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 29Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 30Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
DS13564 Rev 4
27/159
STM32G0C1xC/xE
Functional overview
36
Features of the DAC:
•
Two DAC output channels
•
8-bit or 12-bit output mode
•
Buffer offset calibration (factory and user trimming)
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability
•
Noise-wave generation
•
Triangular-wave generation
•
Independent or simultaneous conversion for DAC channels
•
DMA capability for either DAC channel
•
Triggering with timer events, synchronized with DMA
•
Triggering with external events
•
Sample-and-hold low-power mode, with internal or external capacitor
3.16
Voltage reference buffer (VREFBUF)
3.17
Comparators (COMP)
Three embedded rail-to-rail analog comparators have programmable reference voltage
(internal or external), hysteresis, speed (low for low-power) and output polarity.
The reference voltage can be one of the following:
•
external, from an I/O
•
internal, from DAC
•
internal reference voltage (VREFINT) or its submultiple (1/4, 1/2, 3/4)
The comparators can wake up the device from Stop mode, generate interrupts, breaks or
triggers for the timers and can be also combined into a window comparator.
3.18
Random-number generator (RNG)
The embedded RNG delivers 32-bit random numbers generated by an integrated analog
circuit.
When enabled, an embedded buffer provides the internal reference voltage to analog
blocks (for example ADC) and to VREF+ pin for external components.
The internal voltage reference buffer supports two voltages:
•
2.048 V
•
2.5 V
An external voltage reference can be provided through the VREF+ pin when the internal
voltage reference buffer is disabled.
On some packages, the VREF+ pad of the silicon die is double-bonded with supply pad to
common VDD/VDDA pin and so the internal voltage reference buffer cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com