Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 71Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 72Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 73Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 74Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 75Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 76Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 77Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 78Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 159 page
background image
DS13564 Rev 4
75/159
STM32G0C1xC/xE
Electrical characteristics
124
3. Reduced code used for characterization results provided in Table 28.
Table 30. Current consumption in Sleep and Low-power sleep modes
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
Voltage
scaling
fHCLK
25
°C
85
°C
125
°C
25
°C
85
°C
130
°C
IDD(Sleep)
Supply
current in
Sleep
mode
Flash memory enabled;
fHCLK = fHSE bypass
(≤16 MHz; PLL
disabled),
fHCLK = fPLLRCLK
(>16 MHz; PLL
enabled);
All peripherals disabled
Range 1
64 MHz
1.9
2.0
2.6
2.5
2.6
3.3
mA
56 MHz
1.7
1.8
2.4
2.2
2.4
3.2
48 MHz
1.5
1.6
2.2
1.9
2.1
2.8
32 MHz
1.1
1.2
1.8
1.4
1.6
2.3
24 MHz
0.9
1.0
1.6
1.2
1.3
2.1
16 MHz
0.5
0.6
1.2
0.7
0.9
1.6
Range 2
16 MHz
0.4
0.6
1.0
0.6
0.7
1.4
8 MHz
0.3
0.4
0.9
0.4
0.5
1.2
2 MHz
0.2
0.3
0.7
0.2
0.4
1.0
IDD(LPSleep)
Supply
current in
Low-power
sleep mode
Flash memory disabled;
PLL disabled;
fHCLK = fHSE bypass (> 32 kHz),
fHCLK = fLSE bypass (= 32 kHz);
All peripherals disabled
2 MHz
70
200
705
175 500 1325
µA
1 MHz
48
175
685
145 438 1285
500 kHz
37
165
670
130 413 1255
125 kHz
28
155
665
105 388 1250
32 kHz
26
150
660
90
375 1210
1. Based on characterization results, not tested in production.
Table 31. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
HSI kernel
VDD
25°C
85°C
125°C
25°C
85°C
130°C
IDD(Stop 0)
Supply
current in
Stop 0
mode
Enabled
1.8 V
290
370
675
370
470
850
µA
2.4 V
295
370
680
370
470
870
3 V
295
375
695
375
475
930
3.6 V
300
380
695
375
475
1050
Disabled
1.8 V
100
190
505
180
290
680
2.4 V
100
195
510
180
290
685
3 V
105
195
525
180
295
695
3.6 V
105
200
530
185
305
830
1. Based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com