Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 86Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 87Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 88Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 89Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 90Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 91Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 92Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 93Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
90/159
DS13564 Rev 4
5.3.9
PLL characteristics
The parameters given in Table 47 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 24: General operating conditions.
5.3.10
Flash memory characteristics
Table 47. PLL characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock frequency(2)
-2.66
-
16
MHz
DPLL_IN
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT PLL multiplier output clock P
Voltage scaling Range 1
3.09
-
122
MHz
Voltage scaling Range 2
3.09
-
40
fPLL_Q_OUT PLL multiplier output clock Q
Voltage scaling Range 1
12
-
128
MHz
Voltage scaling Range 2
12
-
33
fPLL_R_OUT PLL multiplier output clock R
Voltage scaling Range 1
12
-
64
MHz
Voltage scaling Range 2
12
-
16
fVCO_OUT PLL VCO output
Voltage scaling Range 1
96
-
344
MHz
Voltage scaling Range 2
96
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 56 MHz
-50
-
±ps
RMS period jitter
-
40
-
IDD(PLL)
PLL power consumption
on VDD(1)
VCO freq = 96 MHz
-
200
260
μA
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650
1. Guaranteed by design.
2. Make sure to use the appropriate division factor M to obtain the specified PLL input clock values.
Table 48. Flash memory characteristics(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tprog
64-bit programming time
-
85
125
µs
tprog_row
Row (32 double word) programming time
Normal programming
2.7
4.6
ms
Fast programming
1.7
2.8
tprog_page
Page (2 Kbyte) programming time
Normal programming
21.8
36.6
Fast programming
13.7
22.4
tERASE
Page (2 Kbyte) erase time
-
22.0
40.0
tprog_bank
Bank (512 Kbyte(2)) programming time
Normal programming
2.8
4.7
s
Fast programming
1.8
2.9
tME
Mass erase time
-
22.1
40.1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com