Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 11Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 12Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 13Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 14Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 15Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 16Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 17Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 18Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 159 page
background image
DS13564 Rev 4
15/159
STM32G0C1xC/xE
Functional overview
36
Flexible protections can be configured thanks to option bytes:
Readout protection (RDP) to protect the whole memory. Three levels are available:
Level 0: no readout protection
Level 1: memory readout protection: the Flash memory cannot be read from or
written to if either debug features are connected, boot in RAM or bootloader is
selected
Level 2: chip readout protection: debug features (Cortex-M0+ serial wire), boot in
RAM and bootloader selection are disabled. This selection is irreversible.
Write protection (WRP): the protected area is protected against erasing and
programming. Two areas per bank can be selected, with 2-Kbyte granularity.
Proprietary code readout protection (PCROP): a part of the Flash memory can be
protected against read and write from third parties. The protected area is execute-only:
it can only be reached by the STM32 CPU as instruction code, while all other accesses
(DMA, debug and CPU data read, write and erase) are strictly prohibited. An additional
option bit (PCROP_RDP) determines whether the PCROP area is erased or not when
the RDP protection is changed from Level 1 to Level 0.
The whole non-volatile memory embeds the error correction code (ECC) feature supporting:
single error detection and correction
double error detection
readout of the ECC fail address from the ECC register
3.3.1
Securable area
A part of the Flash memory can be hidden from the application once the code it contains is
executed. As soon as the write-once SEC_PROT bit is set, the securable memory cannot be
accessed until the system resets. The securable area generally contains the secure boot
code to execute only once at boot. This helps to isolate secret code from untrusted
application code.
Table 3. Access status versus readout protection level and execution modes
Area
Protection
level
User execution
Debug, boot from RAM or boot
from system memory (loader)
Read
Write
Erase
Read
Write
Erase
User
memory
1
Yes
Yes
Yes
No
No
No
2
Yes
Yes
Yes
N/A
N/A
N/A
System
memory
1
Yes
No
No
Yes
No
No
2
Yes
No
No
N/A
N/A
N/A
Option
bytes
1
Yes
Yes
Yes
Yes
Yes
Yes
2
Yes
No
No
N/A
N/A
N/A
Backup
registers
1Yes
Yes
N/A(1)
1. Erased upon RDP change from Level 1 to Level 0.
No
No
N/A(1)
2
Yes
Yes
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com