Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 14Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 15Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 16Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 17Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 18Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 19Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 20Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 21Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 159 page
background image
Functional overview
STM32G0C1xC/xE
18/159
DS13564 Rev 4
Figure 2. Power supply overview
3.7.2
Power supply supervisor
The device has an integrated power-on/power-down (POR/PDR) reset active in all power
modes except Shutdown and ensuring proper operation upon power-on and power-down. It
maintains the device in reset when the supply voltage is below VPOR/PDR threshold, without
the need for an external reset circuit. Brownout reset (BOR) function allows extra flexibility. It
can be enabled and configured through option bytes, by selecting one of four thresholds for
rising VDD and other four for falling VDD.
The device also features an embedded programmable voltage detector (PVD) that monitors
the VDD power supply and compares it to VPVD threshold. It allows generating an interrupt
when VDD level crosses the VPVD threshold, selectively while falling, while rising, or while
falling and rising. The interrupt service routine can then generate a warning message and/or
put the MCU into a safe state. The PVD is enabled by software.
3.7.3
Voltage regulator
Two embedded linear voltage regulators, main regulator (MR) and low-power regulator
(LPR), supply most of digital circuitry in the device.
The MR is used in Run and Sleep modes. The LPR is used in Low-power run, Low-power
sleep and Stop modes.
In Standby and Shutdown modes, both regulators are powered down and their outputs set in
high-impedance state, such as to bring their current consumption close to zero. However,
SRAM data retention is possible in Standby mode, in which case the LPR remains active
and it only supplies the SRAM.
MSv63104V2
VDDA domain
RTC domain
D/A converter
A/D converter
Standby circuitry
(Wakeup, IWDG)
Voltage
regulator
Core
SRAM
Digital
peripherals
Low-voltage
detector
LSE crystal 32.768 kHz osc
BKP registers
RCC BDCR register
RTC and TAMP
Comparators
Voltage reference buffer
I/O ring
VCORE domain
Temp. sensor
Reset block
PLL, HSI
Flash memory
VDDIO1
VREF+
VDD domain
VCORE
VSS/VSSA
VDD/VDDA
VBAT
VDDA
VREF+
VSSA
VSS
VDD
VDDIO1 domain
I/O ring
USB
VDDIO2 domain
VDDIO2
VDDIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com