Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 67Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 68Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 69Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 70Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 71Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 72Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 73Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 74Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 159 page
background image
DS13564 Rev 4
71/159
STM32G0C1xC/xE
Electrical characteristics
124
5.3.4
Embedded voltage reference
The parameters given in Table 27 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 24: General operating
conditions.
Figure 17. VREFINT vs. temperature
Table 27. Embedded internal voltage reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
-40°C < TJ < 130°C
1.182 1.212
1.232
V
tS_vrefint (1)
ADC sampling time when reading
the internal reference voltage
-4(2)
--
µs
tstart_vrefint
Start time of reference voltage
buffer when ADC is enable
--
8
12(2)
µs
IDD(VREFINTBUF)
VREFINT buffer consumption from
VDD when converted by ADC
-
-
12.5
20(2)
µA
∆VREFINT
Internal reference voltage spread
over the temperature range
VDD = 3 V
-
5
7.5(2)
mV
TCoeff_vrefint
Temperature coefficient
-
-
30
50(2)
ppm/°C
ACoeff
Long term stability
1000 hours, T = 25 °C
-
300
1000(2)
ppm
VDDCoeff
Voltage coefficient
3.0 V < VDD < 3.6 V
-
250
1200(2)
ppm/V
VREFINT_DIV1
1/4 reference voltage
-
24
25
26
%
VREFINT
VREFINT_DIV2
1/2 reference voltage
49
50
51
VREFINT_DIV3
3/4 reference voltage
74
75
76
1. The shortest sampling time can be determined in the application by multiple iterations.
2. Guaranteed by design.
MSv40169V1
1.185
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
1.235
-40
-20
0
20
40
60
80
100
120
V
°C
Mean
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com