Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 7Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 8Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 9Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 10Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 11Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 12Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 13Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 14Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 159 page
background image
DS13564 Rev 4
11/159
STM32G0C1xC/xE
Description
36
2
Description
The STM32G0C1xC/xE mainstream microcontrollers are based on high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at up to 64 MHz frequency. Offering a high
level of integration, they are suitable for a wide range of applications in consumer, industrial
and appliance domains and ready for the Internet of Things (IoT) solutions.
The devices incorporate a memory protection unit (MPU), high-speed embedded memories
(144 Kbytes of SRAM and up to 512 Kbytes of Flash program memory with read protection,
write protection, proprietary code protection, and securable area), DMA, an extensive range
of system functions, enhanced I/Os, and peripherals. The devices offer standard
communication interfaces (three I2Cs, three SPIs / two I2S, one HDMI CEC, one full-speed
USB, two FD CANs, and six USARTs), one 12-bit ADC (2.5 MSps) with up to 19 channels,
one 12-bit DAC with two channels, three fast comparators, an internal voltage reference
buffer, a low-power RTC, an advanced control PWM timer running at up to double the CPU
frequency, six general-purpose 16-bit timers with one running at up to double the CPU
frequency, a 32-bit general-purpose timer, two basic timers, two low-power 16-bit timers,
two watchdog timers, and a SysTick timer. The devices provide a fully integrated USB Type-
C Power Delivery controller.
The devices embed AES hardware accelerator and true random number generator (RNG).
The devices operate within ambient temperatures from -40 to 125°C and with supply
voltages from 1.7 V to 3.6 V. Optimized dynamic consumption combined with a
comprehensive set of power-saving modes, low-power timers and low-power UART, allows
the design of low-power applications.
VBAT direct battery input allows keeping RTC and backup registers powered.
The devices come in packages with 32 to 100 pins. Some packages with low pin count are
available in two pinouts (standard and alternative indicated by “N” suffix). Products marked
by N suffix are offering VDDIO2 supply and additional UCPD port versus the standard pinout,
therefore those are better choice for UCPD/USB applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com