Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 12Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 13Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 14Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 15Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 16Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 17Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 18Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 19Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 159 page
background image
Functional overview
STM32G0C1xC/xE
16/159
DS13564 Rev 4
3.4
Embedded SRAM
STM32G0C1xC/xE devices have 128 Kbytes of embedded SRAM with parity. Hardware
parity check allows memory data errors to be detected, which contributes to increasing
functional safety of applications.
When the parity protection is not required because the application is not safety-critical, the
parity memory bits can be used as additional SRAM, to increase its total size to 144 Kbytes.
The memory can be read/write-accessed at CPU clock speed, with 0 wait states.
3.5
Boot modes
At startup, the boot pin and boot selector option bit are used to select one of the three boot
options:
boot from User Flash memory
boot from System memory
boot from embedded SRAM
The boot pin is shared with a standard GPIO and can be enabled through the boot selector
option bit. The boot loader is located in System memory. It manages the Flash memory
reprogramming through one of the following interfaces:
USART on pins PA9/PA10, PC10/PC11, or PA2/PA3
I2C-bus on pins PB6/PB7 or PB10/PB11
SPI on pins PA4/PA5/PA6/PA7 or PB12/PB13/PB14/PB15
FDCAN on pins PD0/PD1
3.6
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator polynomial value and size.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link
time and stored at a given memory location.
USB on pins PA11/PA12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com